Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8939TH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8939TH Datasheet HTML 4Page - NXP Semiconductors TDA8939TH Datasheet HTML 5Page - NXP Semiconductors TDA8939TH Datasheet HTML 6Page - NXP Semiconductors TDA8939TH Datasheet HTML 7Page - NXP Semiconductors TDA8939TH Datasheet HTML 8Page - NXP Semiconductors TDA8939TH Datasheet HTML 9Page - NXP Semiconductors TDA8939TH Datasheet HTML 10Page - NXP Semiconductors TDA8939TH Datasheet HTML 11Page - NXP Semiconductors TDA8939TH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
8 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
9.
Limiting values
10. Thermal characteristics
Fig 4.
Mode selection timing diagram.
001aaa062
standby
start-up sequence
switch-off sequence
status
POWERUP
ENABLE
reset
operating
reset
standby
Table 8:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Vp
supply voltage
-
60
V
IORM
repetitive peak current on
output pins
-
7.5
A
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
-
150
°C
Table 9:
Thermal characteristics
Symbol
Parameter
Conditions
Value
Unit
Rth(j-a)
thermal resistance from junction to ambient in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case
1.3
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com