Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8939TH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8939TH Datasheet HTML 5Page - NXP Semiconductors TDA8939TH Datasheet HTML 6Page - NXP Semiconductors TDA8939TH Datasheet HTML 7Page - NXP Semiconductors TDA8939TH Datasheet HTML 8Page - NXP Semiconductors TDA8939TH Datasheet HTML 9Page - NXP Semiconductors TDA8939TH Datasheet HTML 10Page - NXP Semiconductors TDA8939TH Datasheet HTML 11Page - NXP Semiconductors TDA8939TH Datasheet HTML 12Page - NXP Semiconductors TDA8939TH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
9 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
11. Static characteristics
Table 10:
Static characteristics
VP = ±25 V; fcarrier = 384 kHz; Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VP
supply voltage
symmetrical supply voltage
[1]
±10
±25
±30
V
asymmetrical supply voltage
20
50
60
V
Iq
quiescent current
no load; no filters; no
snubbers connected
-50
70
mA
reset mode
-
10
20
mA
Istb
standby current
standby mode
-
120
170
µA
Internal stabilizer logic supplies
VSTAB1,
VSTAB2
stabilizer output voltage
11
12
15
V
Comparator full differential input stage: pins IN1P, IN1N, IN2P and IN2N
Vi(diff)
differential input voltage range
1
3.3
12
V
Vi(com)
common mode input voltage
VSSA1
-VDDA1 − 7.5 V
Ii(bias)
input bias current
-
-
10
µA
Common ground: pin CGND
VCGND
common ground reference
voltage
asymmetrical supply
-
0
-
V
Diagnostic output: pin DIAGN
VOL
LOW-level output voltage
referenced to CGND;
IDIAGN = 1 mA
[2]
0-
1
V
Vpu(max)
maximum pull-up voltage
referenced to CGND
-
-
12
V
IL
leakage current
no error condition
-
-
50
µA
Enable input: pin ENABLE
VIL
LOW-level input voltage
referenced to CGND
0
-
1
V
VIH
HIGH-level input voltage
referenced to CGND
3
-
12
V
II
input current
VENABLE = 12 V
-
70
140
µA
Power-up input: pin POWERUP
VIL
LOW-level input voltage
referenced to CGND
0
-
0.5
V
VIH
HIGH-level input voltage
referenced to CGND
3
-
VDDA
V
Vhys
hysteresis voltage
-
0.3
-
V
II
input current
VPOWERUP = 12 V
-
70
140
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com