Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T330P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T330P
Description  Silicon PIN Photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T330P Datasheet(HTML) 1 Page - Vishay Siliconix

  T330P Datasheet HTML 1Page - Vishay Siliconix T330P Datasheet HTML 2Page - Vishay Siliconix T330P Datasheet HTML 3Page - Vishay Siliconix T330P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T330P
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-May-14
1
Document Number: 83490
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Silicon PIN Photodiode
DESCRIPTION
T330P chip is a PIN photodiode with 0.23 mm2 sensitive
area, high speed and high photo sensitivity. It is sensitive to
the visible and near infrared light spectrum with a peak
sensitivity at 900 nm. Anode is the bond pad on top,
cathode is the backside contact.
FEATURES
• Package type: chip
• Package form: single chip
• Dimensions (L x W x H in mm): 0.67 x 0.67 x 0.28
• Wafer diameter (in mm): 100
• Radiant sensitive area (in mm2): 0.23
• Peak sensitivity wavelength: 900 nm
• High photo sensitivity
• High radiant sensitivity
• Suitable for visible light and near infrared radiation
• Fast response times
• Angle of half sensitivity:
ϕ = ± 60°
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• High speed photo detector
GENERAL INFORMATION
The datasheet is based on Vishay optoelectronics sample testing under certain predetermined and assumed conditions, and is
provided for illustration purpose only. Customers are encouraged to perform testing in actual proposed packaged and used
conditions. Vishay optoelectronics die products are tested using Vishay optoelectronics based quality assurance procedures
and are manufactured using Vishay optoelectronics established processes. Estimates such as those described and set forth in
this datasheet for semiconductor die will vary depending on a number of packaging, handling, use, and other factors. Therefore
sold die may not perform on an equivalent basis to standard package products.
Note
• Test conditions see table “Basic Characteristics”
Note
• MOQ: minimum order quantity
PRODUCT SUMMARY
COMPONENT
Ira (μA)
ϕ (deg)
λ0.1 (nm)
T330P
2.3
± 60
430 to 1100
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
T330P-SD-F
Wafer sawn on foil with disco frame
MOQ: 55 000 pcs
Chip
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
60
V
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg1
-40 to +100
°C
Storage temperature range on foil
Tstg2
-40 to +50
°C


Similar Part No. - T330P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
T330P-SD-F VISHAY-T330P-SD-F Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
More results

Similar Description - T330P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com