Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T330P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T330P
Description  Silicon PIN Photodiode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T330P Datasheet(HTML) 2 Page - Vishay Siliconix

  T330P Datasheet HTML 1Page - Vishay Siliconix T330P Datasheet HTML 2Page - Vishay Siliconix T330P Datasheet HTML 3Page - Vishay Siliconix T330P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
T330P
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 22-May-14
2
Document Number: 83490
For technical questions, contact: optochipsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The measurements are based on samples of die which are mounted on a TO-header without resin coating
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Diode Capacitance vs. Reverse Voltage
Fig. 2 - Relative Spectral Sensitivity vs. Wavelength
Note
• All chips are checked in accordance with the Vishay Semiconductor, specification of visual inspection FVOV6870.
The visual inspection shall be made in accordance with the “specification of visual inspection as referenced”. The visual inspection of chip
backside is performed with stereo microscope with incident light and 40x to 80x magnification.
The quality inspection (final visual inspection) is performed by production. An additional visual inspection step as special release procedure
by QM is not installed.
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
IR = 100 μA, E = 0
V(BR)
60
V
Reverse dark current
VR = 10 V, E = 0
Iro
0.1
3
nA
Diode capacitance
VR = 5 V, f = 1 MHz, E = 0
CD
1.3
pF
Reverse light current
Ee = 1 mW/cm2,
λ = 950 nm, VR = 5 V
Ira
2.3
μA
Angle of half sensitivity
ϕ
± 60
deg
Wavelength of peak sensitivity
λp
900
nm
Range of spectral bandwidth
λ0.1
430 to 1100
nm
Rise time
VR = 10 V, RL = 50
Ω, λ = 820 nm
tr
4ns
Fall time
VR = 10 V, RL = 50
Ω, λ = 820 nm
tf
4ns
0
2
4
6
8
0.1
V
R- Reverse Voltage (V)
94 8430
E = 0
f = 1 MHz
100
10
1
350
550
750
950
0
0.2
0.4
0.6
0.8
1.0
1150
94 8420
λ - Wavelength (nm)
MECHANICAL DIMENSIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Length of chip edge (x-direction)
Lx
0.67
mm
Length of chip edge (y-direction)
Ly
0.67
mm
Sensitive area
AS
0.23
mm2
Wafer diameter
D
100
mm
Die height
H
0.265
0.28
0.295
mm
Bond pad anode
x * y
0.1 x 0.1
mm2
ADDITIONAL INFORMATION
Frontside metallization, anode
AlSi
Backside metallization, cathode
NiV-Ag
Dicing
Sawing
Die bonding technology
Epoxy bonding



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com