Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP102MV Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP102MV
Description  MAX250/MAX251Compatible Converter Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP102MV Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP102MV Datasheet HTML 1Page - Toppower Electronic Technology Limited TP102MV Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP102MV
www.gztoppower.com
TEL:020-82019000
EMAIL:sales1@gztoppower.com
page 1 of 2
Unless otherwise stated all dimensions in inches ±0.25mm.
All pins on a 2.54mm pitch and within ±0.25mm of true position.
* Pin 5 is connected to secondary center tap. Package Weight 1.0g TYP.
DESCRIPTION:
The TP102MV of converter transformers are specifically designed for use with Maxim chipsets
to provide isolated RS232 interfaces. Carefully controlled turns ratios ensure consistent
performance whilst a toroidal construction minimises EMI.
MAX250/MAX251Compatible Converter Transformers
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Primary Inductance, LP
10kHz, 20mV
0.618
1.0
mH
Leakage Inductance, LL
10kHz, 20mV
25
μH
Interwinding Capacitance, CWW
10MHz, 20mV
5.2
pF
Primary D.C. Resistance, RDC
1.34
Ω
ORDER CODE DETAILS
Order Code
Package Type
Packaging Type
Quantity
TP102MV
6 Pin SM
Tube
50
TP102MV-R
6 Pin SM
Tape & Reel
500
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 125°C
Storage temperature range
-50°C to 150°C
Lead temperature 1.5mm from case for 10 seconds
300°C
Peak current, IPK
310mA
Isolation voltage TP102MV (flash tested for 1 second)
3500VDC
All specifications typical at TA=25°C
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
Unless otherwise stated all dimensions
in inches (mm)
±0.01 (0.25). All pins on a 0.1 (2.54)
pitch and within
±0.01 (0.25) of true position.
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
FEATURES
RoHS compliant
Maxim MAX250/MAX251 compatible
Isolation to 3500VDC
Industry-standard pinout
Surface mount option
UL 94 V-0 package materials
Low profile
Toroidal construction
Fully encapsulated
Industrial temperature range
/
/
FEATURES
Part Number
Turn Ratio
TP102MV
1:1
6 Pin SM
6 Pin SM
TOPPOWER
TP102MV


Similar Part No. - TP102MV

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP102MV TOPPOWER-TP102MV Datasheet
863Kb / 2P
MAX250/MAX251Compatible Converter Transformers
TP102MV TOPPOWER-TP102MV_19 Datasheet
863Kb / 2P
MAX250/MAX251Compatible Converter Transformers
More results

Similar Description - TP102MV

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
78250 CANDD-78250 Datasheet
130Kb / 2P
Converter Transformers
logo
Sumida Corporation
ER3023 SUMIDA-ER3023 Datasheet
126Kb / 1P
DC/DC CONVERTER TRANSFORMERS
logo
Murata Manufacturing Co...
KMP_7625XEN MURATA-KMP_7625XEN Datasheet
140Kb / 4P
EN Approved MAX250/251/253 Compatible Converter Transformers
KMP_78250 MURATA-KMP_78250 Datasheet
146Kb / 3P
MAX250 Compatible Converter Transformers
78253-55MVC MURATA-78253-55MVC Datasheet
525Kb / 5P
MAX253 Compatible Converter Transformers
78250JC MURATA-78250JC Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
logo
Murata Power Solutions ...
KMP-78250J MURATA-PS-KMP-78250J Datasheet
406Kb / 3P
MAX250/MAX251 Compatible Converter SM Transformers
78250 MURATA-PS-78250 Datasheet
98Kb / 3P
MAX250/MAX251 Compatible Converter Transformers
logo
Toppower Electronic Tec...
TP250MV TOPPOWER-TP250MV Datasheet
803Kb / 2P
MAX250/MAX251Compatible Converter Transformers
TP102MV TOPPOWER-TP102MV_19 Datasheet
863Kb / 2P
MAX250/MAX251Compatible Converter Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com