Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP102MV Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP102MV
Description  MAX250/MAX251Compatible Converter Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP102MV Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP102MV Datasheet HTML 1Page - Toppower Electronic Technology Limited TP102MV Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TP102MV
www.gztoppower.com
TEL:020-82019000
EMAIL:sales1@gztoppower.com
page 2 of 2
Pin finish
Matte tin
Peak wave solder temperature
300˚C for 10 seconds
Peak reflow temperature
Max Temp 245
˚C,reflow time 60-90S
TAPE & REEL SPECIFICATIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in inches (mm) ±0.25.
Tube length: 18.3±0.08 (465±2).
Tube material: Antistatic coated clear pvc.
Unless otherwise stated all dimensions in inches (mm) ±0.01(0.25).
*Includes flange distortion at outer edge .t Measured at hub.
Direction of unreeling
Unless otherwise stated all dimensions
in inches ±0.25mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com