Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9250 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 4 Page - Analog Devices

  AD9250 Datasheet HTML 1Page - Analog Devices AD9250 Datasheet HTML 2Page - Analog Devices AD9250 Datasheet HTML 3Page - Analog Devices AD9250 Datasheet HTML 4Page - Analog Devices AD9250 Datasheet HTML 5Page - Analog Devices AD9250 Datasheet HTML 6Page - Analog Devices AD9250 Datasheet HTML 7Page - Analog Devices AD9250 Datasheet HTML 8Page - Analog Devices AD9250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD9250
Data Sheet
Rev. E | Page 4 of 45
GENERAL DESCRIPTION
The AD9250 is a dual, 14-bit ADC with sampling speeds of up
to 250 MSPS. The AD9250 is designed to support communications
applications where low cost, small size, wide bandwidth, and
versatility are desired.
The ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. The
ADC cores feature wide bandwidth inputs supporting a variety
of user-selectable input ranges. An integrated voltage reference
eases design considerations. A duty cycle stabilizer is provided
to compensate for variations in the ADC clock duty cycle, allowing
the converters to maintain excellent performance. The JESD204B
high speed serial interface reduces board routing requirements
and lowers pin count requirements for the receiving device.
By default, the ADC output data is routed directly to the two
JESD204B serial output lanes. These outputs are at CML voltage
levels. Four modes support any combination of M = 1 or 2 (single
or dual converters) and L = 1 or 2 (one or two lanes). For dual
ADC mode, data can be sent through two lanes at the maximum
sampling rate of 250 MSPS. However, if data is sent through
one lane, a sampling rate of up to 125 MSPS is supported.
Synchronization inputs (SYNCINB± and SYSREF±) are provided.
Flexible power-down options allow significant power savings,
when desired. Programmable overrange level detection is
supported for each channel via the dedicated fast detect pins.
Programming for setup and control are accomplished using a
3-wire SPI-compatible serial interface.
The AD9250 is available in a 48-lead LFCSP and is specified
over the industrial temperature range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com