Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9250 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9250
Description  Dual Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9250 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9250 Datasheet HTML 13Page - Analog Devices AD9250 Datasheet HTML 14Page - Analog Devices AD9250 Datasheet HTML 15Page - Analog Devices AD9250 Datasheet HTML 16Page - Analog Devices AD9250 Datasheet HTML 17Page - Analog Devices AD9250 Datasheet HTML 18Page - Analog Devices AD9250 Datasheet HTML 19Page - Analog Devices AD9250 Datasheet HTML 20Page - Analog Devices AD9250 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Data Sheet
AD9250
Rev. E | Page 17 of 45
0
50
FREQUENCY (MHz)
100
–120
–100
–80
–60
–40
–20
0
250MSPS
89.12MHz AT –7dBFS
92.12MHz AT –7dBFS
SFDR: 86.4dBc
Figure 23. AD9250-250 Two-Tone FFT with fIN1 = 89.12 MHz, fIN2 = 92.12 MHz,
fS = 250 MSPS
FREQUENCY (MHz)
0
50
100
–120
–100
–80
–60
–40
–20
0
250MSPS
184.12MHz AT –7dBFS
187.12MHz AT –7dBFS
SFDR: 84dBc
Figure 24. AD9250-250 Two-Tone FFT with
fIN1 = 184.12 MHz, fIN2 = 187.12 MHz, fS = 250 MSPS
70
75
80
85
90
95
100
40 50
100
150
200
250
SAMPLE RATE
(MSPS)
SFDR_A (dBc)
SFDR_B (dBc)
SNR_A (dBc)
SNR_B (dBc)
Figure 25. AD9250-250 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 90.1 MHz
418
2142
10549
52008
26647
4856
913
0
100k
200k
300k
400k
500k
600k
N – 6
N – 4
N – 2
N
N + 2
N + 4
N + 6
OUTPUT CODE
2,095,578 TOTAL HITS
1.4535 LSB rms
570587
380706
276088
163389
109133
498242
Figure 26. AD9250-250 Grounded Input Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com