Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9484 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9484 Datasheet HTML 3Page - Analog Devices AD9484 Datasheet HTML 4Page - Analog Devices AD9484 Datasheet HTML 5Page - Analog Devices AD9484 Datasheet HTML 6Page - Analog Devices AD9484 Datasheet HTML 7Page - Analog Devices AD9484 Datasheet HTML 8Page - Analog Devices AD9484 Datasheet HTML 9Page - Analog Devices AD9484 Datasheet HTML 10Page - Analog Devices AD9484 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD9484
Rev. A | Page 6 of 24
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.5 V, unless otherwise noted.
Table 4.
Parameter
Temp
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
500
MSPS
Minimum Conversion Rate
Full
50
MSPS
CLK+ Pulse Width High (tCH)1
Full
0.9
11
ns
CLK+ Pulse Width Low (tCL)1
Full
0.9
11
ns
Output (LVDS—SDR)1
Data Propagation Delay (tPD)
Full
0.85
ns
Rise Time (tR) (20% to 80%)
25°C
0.15
ns
Fall Time (tF) (20% to 80%)
25°C
0.15
ns
DCO Propagation Delay (tCPD)
Full
0.6
ns
Data to DCO Skew (tSKEW)
Full
−0.07
+0.07
ns
Latency
Full
15
Clock cycles
Aperture Time (tA)
25°C
0.85
ns
Aperture Uncertainty (Jitter, tJ)
25°C
80
fs rms
1 See
.
Figure 2
Timing Diagram
N – 1
N
N + 2
N + 3
N + 4
N + 5
N + 1
CLK+
N – 15
N – 14
N – 13
N – 12
N – 11
CLK–
DCO+
DCO–
Dx+
Dx–
VIN+, VIN–
tA
tCH
tCL
1/
fS
tCPD
tSKEW
tPD
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com