Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9484 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9484
Description  8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9484 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9484 Datasheet HTML 16Page - Analog Devices AD9484 Datasheet HTML 17Page - Analog Devices AD9484 Datasheet HTML 18Page - Analog Devices AD9484 Datasheet HTML 19Page - Analog Devices AD9484 Datasheet HTML 20Page - Analog Devices AD9484 Datasheet HTML 21Page - Analog Devices AD9484 Datasheet HTML 22Page - Analog Devices AD9484 Datasheet HTML 23Page - Analog Devices AD9484 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD9484
Rev. A | Page 19 of 24
Table 10. Serial Timing Definitions
Parameter
Minimum (ns)
Description
tDS
5
Setup time between the data and the rising edge of SCLK
tDH
2
Hold time between the data and the rising edge of SCLK
tCLK
40
Period of the clock
tS
5
Setup time between CSB and SCLK
tH
2
Hold time between CSB and SCLK
tHIGH
16
Minimum period that SCLK should be in a logic high state
tLOW
16
Minimum period that SCLK should be in a logic low state
tEN_SDIO
1
Minimum time for the SDIO pin to switch from an input to an output relative to the SCLK falling
edge (not shown in Figure 39)
tDIS_SDIO
5
Minimum time for the SDIO pin to switch from an output to an input relative to the SCLK rising
edge (not shown in Figure 39)
Table 11. Output Data Format
Input (V)
Condition (V)
Offset Binary Output Mode, D7± to D0±
Twos Complement Mode, D7± to D0±
OR±
VIN+ − VIN−
< −0.75 − 0.5 LSB
0000 0000
1000 0000
1
VIN+ − VIN−
= −0.75
0000 0000
1000 0000
0
VIN+ − VIN−
= 0
1000 0000
0000 0000
0
VIN+ − VIN−
= 0.75
1111 1111
0111 1111
0
VIN+ − VIN−
> 0.75 + 0.5 LSB
1111 1111
0111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com