Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9633 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9633 Datasheet HTML 20Page - Analog Devices AD9633 Datasheet HTML 21Page - Analog Devices AD9633 Datasheet HTML 22Page - Analog Devices AD9633 Datasheet HTML 23Page - Analog Devices AD9633 Datasheet HTML 24Page - Analog Devices AD9633 Datasheet HTML 25Page - Analog Devices AD9633 Datasheet HTML 26Page - Analog Devices AD9633 Datasheet HTML 27Page - Analog Devices AD9633 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Data Sheet
AD9633
Rev. B | Page 23 of 41
Differential Input Configurations
There are several ways to drive the AD9633 either actively or
passively. However, optimum performance is achieved by driving
the analog inputs differentially. Using a differential double balun
configuration to drive the AD9633 provides excellent perfor-
mance and a flexible interface to the ADC (see Figure 57) for
baseband applications.
For applications where SNR is a key parameter, differential trans-
former coupling is the recommended input configuration (see
Figure 58), because the noise performance of most amplifiers is
not adequate to achieve the true performance of the AD9633.
Regardless of the configuration, the value of the shunt capacitor,
C, is dependent on the input frequency and may need to be
reduced or removed.
It is not recommended to drive the AD9633 inputs single-ended.
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9633. VREF can be configured using either the internal 1.0 V
reference or an externally applied 1.0 V reference voltage. The
various reference modes are summarized in the Internal Reference
Connection section and the External Reference Operation
section. The VREF pin should be externally decoupled to
ground with a low ESR, 1.0 μF capacitor in parallel with a low
ESR, 0.1 μF ceramic capacitor.
Internal Reference Connection
A comparator within the AD9633 detects the potential at the
SENSE pin and configures the reference into two possible modes,
which are summarized in Table 9. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 56), setting VREF to 1.0 V.
Table 9. Reference Configuration Summary
Selected
Mode
SENSE Voltage (V)
Resulting
VREF (V)
Resulting
Differential
Span (V p-p)
Fixed
Internal
Reference
AGND to 0.2
1.0 internal
2.0
Fixed
External
Reference
AVDD
1.0 applied
to external
VREF pin
2.0
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
Figure 56. Internal Reference Configuration
ADC
R
0.1µF
0.1µF
2V p-p
VCM
C
*C1
*C1
C
R
0.1µF
0.1µF
0.1µF
33Ω
200Ω
33Ω
33Ω
33Ω
VIN+x
VIN–x
ET1-1-I3
C
C
5pF
R
*C1 IS OPTIONAL
Figure 57. Differential Double Balun Input Configuration for Baseband Applications
2V p-p
R
R
*C1
*C1 IS OPTIONAL
49.9Ω
0.1μF
ADT1-1WT
1:1 Z RATIO
VIN–x
ADC
VIN+x
*C1
C
VCM
33Ω
33Ω
200Ω
0.1µF
5pF
Figure 58. Differential Transformer-Coupled Configuration
for Baseband Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com