Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9633 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9633
Description  125 MSPS, Serial LVDS 1.8 V ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9633 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9633 Datasheet HTML 29Page - Analog Devices AD9633 Datasheet HTML 30Page - Analog Devices AD9633 Datasheet HTML 31Page - Analog Devices AD9633 Datasheet HTML 32Page - Analog Devices AD9633 Datasheet HTML 33Page - Analog Devices AD9633 Datasheet HTML 34Page - Analog Devices AD9633 Datasheet HTML 35Page - Analog Devices AD9633 Datasheet HTML 36Page - Analog Devices AD9633 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AD9633
Data Sheet
Rev. B | Page 32 of 41
HARDWARE INTERFACE
The pins described in Table 15 comprise the physical interface
between the user programming device and the serial port of the
AD9633. The SCLK pin and the CSB pin function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
FPGAs or microcontrollers. One method for SPI configuration
is described in detail in the AN-812 Application Note, Micro-
controller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used for
other devices, it may be necessary to provide buffers between
this bus and the AD9633 to prevent these signals from transi-
tioning at the converter inputs during critical sampling periods.
Some pins serve a dual function when the SPI interface is not
being used. When the pins are strapped to DRVDD or ground
during device power-on, they are associated with a specific
function. Table 16 describes the strappable functions supported
on the AD9633.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/OLM pin, the SCLK/DTP pin, and the PDWN pin
serve as standalone CMOS-compatible control pins. When the
device is powered up, it is assumed that the user intends to use the
pins as static control lines for the duty cycle stabilizer, output
data format, and power-down feature control. In this mode,
CSB should be connected to AVDD, which disables the serial
port interface.
When the device is in SPI mode, the PDWN pin (if enabled)
remains active. For SPI control of power-down, the PDWN pin
should be set to its default state.
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. The AD9633 part-specific features are described in detail
following Table 17, the external memory map register table.
Table 16. Features Accessible Using the SPI
Feature Name
Description
Power Mode
Allows the user to set either power-down mode
or standby mode
Clock
Allows the user to access the DCS, set the
clock divider, set the clock divider phase, and
enable the sync
Offset
Allows the user to digitally adjust the
converter offset
Test I/O
Allows the user to set test modes to have
known data on output bits
Output Mode
Allows the user to set the output mode
Output Phase
Allows the user to set the output clock polarity
ADC Resolution
Allows for power consumption scaling with
respect to sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com