Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54F157 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F157
Description  QUAD 2-INPUT Multiplexer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F157 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F157 Datasheet HTML 1Page - National Semiconductor (TI) 54F157 Datasheet HTML 2Page - National Semiconductor (TI) 54F157 Datasheet HTML 3Page - National Semiconductor (TI) 54F157 Datasheet HTML 4Page - National Semiconductor (TI) 54F157 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Original Creation Date: 03/14/96
Last Update Date: 07/30/96
Last Major Revision Date: 03/14/96
MN54F157A-X REV 1A0
MILITARY DATA SHEET
QUAD 2-INPUT Multiplexer
General Description
The F157A is a high-speed quad 2-Input multiplexer.
Four bits of data from two sources
can be selected using the common Select and Enable inputs.
The four buffered outputs
present the selected data in the true (non-inverted) form.
The F157A can also be used to
generate any four of the 16 different functions to two variables.
NS Part Numbers
54F157ADMQB
54F157AFMQB
54F157ALMQB
Industry Part Number
54F157A
Prime Die
M157A
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - 54F157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157A NSC-54F157A Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
54F157AFM NSC-54F157AFM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
54F157ALM NSC-54F157ALM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
More results

Similar Description - 54F157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
Quad 2-input multiplexer
1998 Apr 30
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
Quad 2-Input Multiplexer
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
Quad 2-Input Multiplexer
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com