Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16244A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC16244A
Description  16-bit buffer/line driver; 5 V input/output tolerant; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244A Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC16244A Datasheet HTML 1Page - NXP Semiconductors 74LVC16244A Datasheet HTML 2Page - NXP Semiconductors 74LVC16244A Datasheet HTML 3Page - NXP Semiconductors 74LVC16244A Datasheet HTML 4Page - NXP Semiconductors 74LVC16244A Datasheet HTML 5Page - NXP Semiconductors 74LVC16244A Datasheet HTML 6Page - NXP Semiconductors 74LVC16244A Datasheet HTML 7Page - NXP Semiconductors 74LVC16244A Datasheet HTML 8Page - NXP Semiconductors 74LVC16244A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2003 Dec 08
4
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
PINNING
SYMBOL
PIN
BALL
DESCRIPTION
1OE
1
A1
output enable input (active LOW)
n.c.
−
A2, A3, A4, A5, K2, K3, K4, K5
not connected
1Y0
2
B2
data output
1Y1
3
B1
data output
GND
4, 10, 15, 21, 28, 34, 39, 45
B3, B4, D3, D4, G3, G4, J3, J4
ground (0 V)
1Y2
5
C2
data output
1Y3
6
C1
data output
VCC
7, 18, 31, 42
C3, H3, C4, H4
supply voltage
2Y0
8
D2
data output
2Y1
9
D1
data output
2Y2
11
E2
data output
2Y3
12
E1
data output
3Y0
13
F1
data output
3Y1
14
F2
data output
3Y2
16
G1
data output
3Y3
17
G2
data output
4Y0
19
H1
data output
4Y1
20
H2
data output
4Y2
22
J1
data output
4Y3
23
J2
data output
4OE
24
K1
output enable input (active LOW)
3OE
25
K6
output enable input (active LOW)
4A3
26
J5
data input
4A2
27
J6
data input
4A1
29
H5
data input
4A0
30
H6
data input
3A3
32
G5
data input
3A2
33
G6
data input
3A1
35
F5
data input
3A0
36
F6
data input
2A3
37
E6
data input
2A2
38
E5
data input
2A1
40
D6
data input
2A0
41
D5
data input
1A3
43
C6
data input
1A2
44
C5
data input
1A1
46
B6
data input
1A0
47
B5
data input
2OE
48
A6
output enable input (active LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com