Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC16244A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC16244A
Description  16-bit buffer/line driver; 5 V input/output tolerant; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC16244A Datasheet HTML 1Page - NXP Semiconductors 74LVC16244A Datasheet HTML 2Page - NXP Semiconductors 74LVC16244A Datasheet HTML 3Page - NXP Semiconductors 74LVC16244A Datasheet HTML 4Page - NXP Semiconductors 74LVC16244A Datasheet HTML 5Page - NXP Semiconductors 74LVC16244A Datasheet HTML 6Page - NXP Semiconductors 74LVC16244A Datasheet HTML 7Page - NXP Semiconductors 74LVC16244A Datasheet HTML 8Page - NXP Semiconductors 74LVC16244A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2003 Dec 08
5
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
16244
mna706
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y0
1Y1
GND
1Y2
1Y3
VCC
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y2
3Y3
VCC
4Y0
4Y1
GND
4Y2
4Y3
4OE
2OE
1A0
1A1
GND
1A2
1A3
VCC
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A2
3A3
VCC
4A0
4A1
GND
4A2
4A3
3OE
Fig.1 Pin configuration SSOP48 and TSSOP48.
001aaa196
16244
A
B
C
D
E
F
H
J
K
G
246
135
ball A1
index area
Fig.2 Pin configuration VFBGA56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com