Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7910 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7910
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7910 Datasheet HTML 2Page - Analog Devices AD7910 Datasheet HTML 3Page - Analog Devices AD7910 Datasheet HTML 4Page - Analog Devices AD7910 Datasheet HTML 5Page - Analog Devices AD7910 Datasheet HTML 6Page - Analog Devices AD7910 Datasheet HTML 7Page - Analog Devices AD7910 Datasheet HTML 8Page - Analog Devices AD7910 Datasheet HTML 9Page - Analog Devices AD7910 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. B
–6–
AD7910/AD7920
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7910/AD7920 feature proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
∞C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . . . . . . . –0.3 V to +7 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, B Grade) . . . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
∞C
MSOP Package
qJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 205.9∞C/W
qJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 43.74∞C/W
SC70 Package
qJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 340.2∞C/W
qJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 228.9∞C/W
Lead Temperature, Soldering
Reflow (10 sec to 30 sec) . . . . . . . . . . . . . . . 235 (0/+5)
∞C
ESD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5 kV
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
2 Transient currents of up to 100 mA will not cause SCR latch-up.
ORDERING GUIDE
Temperature
Linearity
Package
Model
Range
Error (LSB)
1
Option
2
Branding
AD7910AKS-500RL7
–40
∞C to +85∞C
±0.5 max
KS-6
CVA
AD7910AKS-REEL
–40
∞C to +85∞C
±0.5 max
KS-6
CVA
AD7910AKS-REEL7
–40
∞C to +85∞C
±0.5 max
KS-6
CVA
AD7910ARM
–40
∞C to +85∞C
±0.5 max
RM-8
CVA
AD7910ARM-REEL
–40
∞C to +85∞C
±0.5 max
RM-8
CVA
AD7910ARM-REEL7
–40
∞C to +85∞C
±0.5 max
RM-8
CVA
AD7920AKS-500RL7
–40
∞C to +85∞C
±0.75 typ
KS-6
CUA
AD7920AKS-REEL
–40
∞C to +85∞C
±0.75 typ
KS-6
CUA
AD7920AKS-REEL7
–40
∞C to +85∞C
±0.75 typ
KS-6
CUA
AD7920BKS
–40
∞C to +85∞C
±1.5 max
KS-6
CUB
AD7920BKS-REEL
–40
∞C to +85∞C
±1.5 max
KS-6
CUB
AD7920BKS-REEL7
–40
∞C to +85∞C
±1.5 max
KS-6
CUB
AD7920BRM
–40
∞C to +85∞C
±1.5 max
RM-8
CUB
AD7920BRM-REEL
–40
∞C to +85∞C
±1.5 max
RM-8
CUB
AD7920BRM-REEL7
–40
∞C to +85∞C
±1.5 max
RM-8
CUB
EVAL-AD7910CB
3
Evaluation Board
EVAL-AD7920CB
3
Evaluation Board
EVAL-CONTROL BRD2
4
NOTES
1Linearity error refers to integral nonlinearity.
2KS = SC70, RM = MSOP.
3This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BRD2 for evaluation/demonstration purposes.
4This board is a complete unit that allows a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator. To order a
complete evaluation kit, a particular ADC evaluation board must be ordered, e.g., EVAL-AD7920CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer.
See relevant evaluation board technical note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com