Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7910 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7910
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910 Datasheet(HTML) 1 Page - Analog Devices

  AD7910 Datasheet HTML 1Page - Analog Devices AD7910 Datasheet HTML 2Page - Analog Devices AD7910 Datasheet HTML 3Page - Analog Devices AD7910 Datasheet HTML 4Page - Analog Devices AD7910 Datasheet HTML 5Page - Analog Devices AD7910 Datasheet HTML 6Page - Analog Devices AD7910 Datasheet HTML 7Page - Analog Devices AD7910 Datasheet HTML 8Page - Analog Devices AD7910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD7910/AD7920*
250 kSPS,
10-/12-Bit ADCs in 6-Lead SC70
FEATURES
Throughput Rate: 250 kSPS
Specified for VDD of 2.35 V to 5.25 V
Low Power:
3.6 mW Typ at 250 kSPS with 3 V Supplies
12.5 mW Typ at 250 kSPS with 5 V Supplies
Wide Input Bandwidth:
71 dB SNR at 100 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface
SPI®/QSPI™/MICROWIRE™/DSP Compatible
Standby Mode: 1
A Max
6-Lead SC70 Package
8-Lead MSOP Package
APPLICATIONS
Battery-Powered Systems
Personal Digital Assistants
Medical Instruments
Mobile Communications
Instrumentation and Control Systems
Data Acquisition Systems
High Speed Modems
Optical Sensors
FUNCTIONAL BLOCK DIAGRAM
10-/12-BIT
SUCCESSIVE-
APPROXIMATION
ADC
CONTROL
LOGIC
AD7910/AD7920
GND
VDD
VIN
SCLK
SDATA
CS
T/H
GENERAL DESCRIPTION
The AD7910/AD7920 are, respectively, 10-bit and 12-bit, high
speed, low power, successive-approximation ADCs. The parts
operate from a single 2.35 V to 5.25 V power supply and feature
throughput rates up to 250 kSPS. The parts contain a low noise,
wide bandwidth track-and-hold amplifier that can handle input
frequencies in excess of 13 MHz.
The conversion process and data acquisition are controlled
using
CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of
CS and the conversion is also initiated at this
point. There are no pipeline delays associated with the part.
The AD7910/AD7920 use advanced design techniques to achieve
very low power dissipation at high throughput rates.
The reference for the part is taken internally from VDD. This
allows the widest dynamic input range to the ADC. Thus the
analog input range for the part is 0 to VDD. The conversion rate
is determined by the SCLK.
PRODUCT HIGHLIGHTS
1. 10-/12-Bit ADCs in SC70 and MSOP Packages.
2. Low Power Consumption.
3. Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock, allowing
the conversion time to be reduced through the serial clock
speed increase. This allows the average power consumption to
be reduced when power-down mode is used while not convert-
ing. The part also features a power-down mode to maximize
power efficiency at lower throughput rates. Current consumption
is 1 A max and 50 nA typically when in power-down mode.
4. Reference Derived from the Power Supply.
5. No Pipeline Delay.
The parts feature a standard successive-approximation ADC
with accurate control of the sampling instant via a
CS input
and once-off conversion control.
*Protected by U.S.Patent No. 6,681,332.


Similar Part No. - AD7910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7910AKS-REEL AD-AD7910AKS-REEL Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910AKS-REEL7 AD-AD7910AKS-REEL7 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910AKSZ-500RL7 AD-AD7910AKSZ-500RL7 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910AKSZ-REEL AD-AD7910AKSZ-REEL Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7910AKSZ-REEL7 AD-AD7910AKSZ-REEL7 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results

Similar Description - AD7910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7476A AD-AD7476A Datasheet
580Kb / 24P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
3/04-Data Sheet changed from REV. B to REV. C.
AD7276 AD-AD7276 Datasheet
501Kb / 28P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7476ABRMZ AD-AD7476ABRMZ Datasheet
438Kb / 28P
2.35 V to 5.25 V, 1 MSPS 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7920BRMZ AD-AD7920BRMZ Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7476A AD-AD7476A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7477A AD-AD7477A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7478A AD-AD7478A_15 Datasheet
689Kb / 29P
2.35 V to 5.25 V, 1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SC70
Rev. F
AD7910 AD-AD7910_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
AD7920 AD-AD7920_15 Datasheet
493Kb / 24P
250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com