Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6652PCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD6652PCB
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652PCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6652PCB Datasheet HTML 20Page - Analog Devices AD6652PCB Datasheet HTML 21Page - Analog Devices AD6652PCB Datasheet HTML 22Page - Analog Devices AD6652PCB Datasheet HTML 23Page - Analog Devices AD6652PCB Datasheet HTML 24Page - Analog Devices AD6652PCB Datasheet HTML 25Page - Analog Devices AD6652PCB Datasheet HTML 26Page - Analog Devices AD6652PCB Datasheet HTML 27Page - Analog Devices AD6652PCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
AD6652
Rev. 0 | Page 24 of 76
N
e
nd
n
2× interpolation and channel interleave
ront
CF stages to achieve demanding
filtering objectives that are not possible with just one channel.
In the following sections, each st ge is examined to allow the
user to f
The dual ADC design is useful for diversity reception of signals,
where the ADCs are operating identically on the same carrier
but from two separate antennae. The ADCs can also be
operated with independent analog inputs. The user can sample
any fs/2 frequency segment from dc to 100 MHz using
appropriate low-pass or band-pass filtering at the ADC inputs
with little loss in ADC performance. Operation to 200 MHz
analog input is permitted, but at the expense of increased ADC
distortion.
In nondiversity applications, up to four GSM/EDGE-type
carriers can be concurrently processed from the ADC stage.
Wideband signals, such as WCDMA/CDMA2000, require the
power of two AD6652 processing channels per carrier to
adequately remove adjacent channel interference. When
diversity techniques a
er of carriers that
can be processed is halv
ocessing require-
ment of diversity reception.
ble channel multiplexing in the digital downconverter
DC) stage allows one to four channels to be interleaved onto
ronization input pins allow startup,
ated
RE
The AD6652 front-end consists of two high performance, 12-bit
ADCs, preceded by differential sample-and-hold amplifiers
(SHA) that provide excellent SNR performance from dc to
200 MHz. A flexible, integrated voltage reference allows analog
inputs up to 2 V p-p. Each channel is equipped with an
overrange pin that toggles high whenever the analog input
exceeds the upper or lower reference voltage boundary. ADC
outputs are internally routed to the input matrix of the DDC
stage for channel distribution. The ADC data outputs are not
directly accessible to the user.
Each sample-and-hold amplifier (SHA) is followed by a pipe-
lined switched capacitor ADC. The pipelined ADC is divided
into three sections, consisting of a 4-bit first stage followed by
eight 1.5-bit stages and a final 3-bit flash. Each stage provides
sufficient overlap to correct for flash errors in the preceding
stages. The quantized outputs from each stage are combined
into a final 12-bit result in the digital correction logic. The
pipelined architecture permits the first stage to operate on a
new input sample while the remaining stages operate on the
preceding samples. Sampling occurs on the rising edge of the
clock.
Analog Input Operation
The analog inputs to the AD6652 are differential switched
capacitor SHAs that have been designed for optimum perform-
ance while processing differential input signals. The AD6652
accepts inputs over a wide common-mode range; however, an
input common-mode voltage VCM, one-half of AVDD, is
recommended to maintain optimal performance and to
minimize signal-dependent errors.
Referring to Figure 38, the clock signal alternatively switches the
SHA between sample mode and hold mode. When the SHA is
switched into sample mode, the signal source must be capable
of charging the sample capacitors and settling within one-half
of a clock cycle. A small resistor in series with each input can
help reduce the peak transient current required from the output
stage of the driving source. Also, a small shunt capacitor can be
placed across the inputs to provide dynamic charging currents.
This passive network creates a low-pass filter at the ADC’s
input; therefore, the precise values are dependent upon the
application. In IF undersampling applications, any shunt capaci-
tors should be removed. In combination with the driving source
impedance, the shunt capacitors would limit the input
bandwidth.
THEORY OF OPERATIO
The AD6652 has two analog input channels, four digital filter-
ing channels, and two digital output channels. The IF input
signal passes through several stages before it appears at th
output port(s) as a well-filtered, decimated digital baseba
signal:
12-bit A/D conversio
Frequency translation from IF to baseband using
quadrature mixers and NCOs
Second-order resampling decimating CIC FIR filter
(rCIC2)
Fifth-order decimating CIC FIR filter (CIC5)
RAM coefficient decimating FIR filter (RCF)
Automatic gain control (AGC)
Any stage can be bypassed with the exception of the ADC f
end. Any combination of processing channels can be combined
or interleaved after the R
a
ully utilize the AD6652’s capabilities.
re employed, the numb
ed due to the dual pr
Flexi
(D
one output port. Four synch
frequency hop, and AGC functions to be precisely orchestr
with other devices. The NCO’s phase can be set to produce a
known offset relative to another channel or device.
Programming and control of the AD6652 is accomplished using
an 8-bit parallel interface.
ADC ARCHITECTU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com