Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP561 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP561
Description  Dual High Speed PECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP561 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP561 Datasheet HTML 1Page - Analog Devices ADCMP561 Datasheet HTML 2Page - Analog Devices ADCMP561 Datasheet HTML 3Page - Analog Devices ADCMP561 Datasheet HTML 4Page - Analog Devices ADCMP561 Datasheet HTML 5Page - Analog Devices ADCMP561 Datasheet HTML 6Page - Analog Devices ADCMP561 Datasheet HTML 7Page - Analog Devices ADCMP561 Datasheet HTML 8Page - Analog Devices ADCMP561 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADCMP561/ADCMP562
Rev. A | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AC PERFORMANCE (continued)
Equivalent Input Rise Time Bandwidth1
BWEQ
0 V to 1 V swing, 2 V/ns
1500
MHz
Maximum Toggle Rate
>50% output swing
800
MHz
Minimum Pulse Width
PWMIN
∆tPD < 25 ps
700
ps
RMS Random Jitter
VOD = 400 mV, 1.3 V/ns, 312 MHz,
50% duty cycle
1.0
ps
Unit-to-Unit Propagation Delay Skew
100
ps
POWER SUPPLY
Positive Supply Current
IVCC
@ +5.0 V
2
3.2
5
mA
Negative Supply Current
IVEE
@ −5.2 V
10
22
28
mA
Logic Supply Current
IVDD
@ 3.3 V without load
6
9
13
mA
Logic Supply Current
@ 3.3 V with load
45
60
70
mA
Positive Supply Voltage
VCC
Dual
4.75
5.0
5.25
V
Negative Supply Voltage
VEE
Dual
−4.96
−5.2
−5.45
V
Logic Supply Voltage
VDD
Dual
2.5
3.3
5.0
V
Power Dissipation
PD
Dual, without load
130
160
190
mW
Power Dissipation
Dual, with load
180
220
250
mW
DC Power Supply Rejection Ratio—VCC
PSRRVCC
85
dB
DC Power Supply Rejection Ratio—VEE
PSRRVEE
85
dB
DC Power Supply Rejection Ratio—VDD
PSRRVDD
85
dB
HYSTERESIS (ADCMP562 Only)
Hysteresis
RHYS = 19.5 kΩ
20
mV
RHYS = 8.0 kΩ
70
mV
1 Equivalent input rise time bandwidth assumes a first-order input response and is calculated by the following formula: BWEQ = 0.22/√ (trCOMP2 – trIN2), where trIN is the
20/80 input transition time applied to the comparator and trCOMP is the effective transition time as digitized by the comparator input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com