Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP561 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP561
Description  Dual High Speed PECL Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP561 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP561 Datasheet HTML 4Page - Analog Devices ADCMP561 Datasheet HTML 5Page - Analog Devices ADCMP561 Datasheet HTML 6Page - Analog Devices ADCMP561 Datasheet HTML 7Page - Analog Devices ADCMP561 Datasheet HTML 8Page - Analog Devices ADCMP561 Datasheet HTML 9Page - Analog Devices ADCMP561 Datasheet HTML 10Page - Analog Devices ADCMP561 Datasheet HTML 11Page - Analog Devices ADCMP561 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADCMP561/ADCMP562
Rev. A | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +5.0 V, VEE = –5.2 V, VDD = +3.3 V, TA = 25°C, unless otherwise noted.
3.0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–2.5
–1.5
–0.5
0.5
1.5
2.5
3.5
NONINVERTING INPUT VOLTAGE (INVERTING VOLTAGE = 0V)
Figure 6. Input Bias Current vs. Input Voltage
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
1.55
1.50
–40
–20
0
20406080
TEMPERATURE (
°C)
Figure 7. Input Offset Voltage vs. Temperature
575
525
530
535
540
545
550
555
560
565
570
–40 –30 –20 –10
0
102030
405060
708090
TEMPERATURE (
°C)
Figure 8. Rise Time vs. Temperature
2.80
2.78
2.76
2.74
2.72
2.70
2.68
2.66
2.64
2.62
2.60
–40
–20
0
20406080
TEMPERATURE (
°C)
Figure 9. Input Bias Current vs. Temperature
2.6
1.4
1.6
1.8
2.0
2.2
2.4
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
TIME (ns)
Figure 10. Rise and Fall of Outputs vs. Time
500
450
455
460
465
470
475
480
485
490
495
–40 –30 –20 –10
0
102030
405060
708090
TEMPERATURE (
°C)
Figure 11. Fall Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com