Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC207 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # APC207
Description  Rail to Rail Output CMOS Single Operating Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC207 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  APC207 Datasheet HTML 1Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 2Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 3Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2001
APC207/208
www.anpec.com.tw
5
Output Current vs Output Swing
Output Swing vs Load Resistance
Output Swing vs Temperature
Typical Characteristics
0
1
2
3
4
5
6
-25
0
25
50
75
VDD=5V, RL=2kΩ
Temperature(°C)
0.1
1
10
100
1000
0
1
23
45
6
VDD=5V
Output Swing (V)
0
1
2
3
4
5
6
10
100
1k
10k
VDD=5V
Load Resistance (Ω)
0
1
2
3
4
5
6
7
8
0123456
7
Output Swing vs Supply Voltage
Supply Voltage (V)
RL=2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com