Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC207 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # APC207
Description  Rail to Rail Output CMOS Single Operating Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC207 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button APC207 Datasheet HTML 3Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 4Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 5Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 6Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 9Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 10Page - List of Unclassifed Manufacturers APC207 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Nov., 2001
APC207/208
www.anpec.com.tw
7
Typical Characteristics
50
55
60
65
70
75
80
85
90
95
100
12345
Supply Voltage (V)
Large Signal Voltage Gain vs Supply
Voltage
CMRR vs Frequency
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100k
100
1k
10k
Frequency (Hz)
VDD=5V,RL=10kΩ
PSRR vs Frequency
-80
+0
-70
-60
-50
-40
-30
-20
-10
10
100k
100
1k
10k
Frequency (Hz)
VDD=5V
VRR=100mVpp/100Hz
Voltage Follower Pulse Response
0
1
2
3
4
5
6
7
8
9
-4
-3
-2
-1
0
1
2
3
4
5

  ! " #
Time (µs)
VDD=5V,RL=2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com