Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7626BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7626BCPZ Datasheet HTML 3Page - Analog Devices AD7626BCPZ Datasheet HTML 4Page - Analog Devices AD7626BCPZ Datasheet HTML 5Page - Analog Devices AD7626BCPZ Datasheet HTML 6Page - Analog Devices AD7626BCPZ Datasheet HTML 7Page - Analog Devices AD7626BCPZ Datasheet HTML 8Page - Analog Devices AD7626BCPZ Datasheet HTML 9Page - Analog Devices AD7626BCPZ Datasheet HTML 10Page - Analog Devices AD7626BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AD7626
Data Sheet
Rev. D | Page 6 of 29
TIMING SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.37 V to 2.63 V; REF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Time Between Conversions1
tCYC
100
10,000
ns
Acquisition Time
tACQ
40
ns
CNV High Time
tCNVH
10
40
ns
CNV to D (MSB) Ready
tMSB
100
ns
CNV to Last CLK (LSB) Delay
tCLKL
72
ns
CLK Period2
tCLK
3.33
4
(tCYC − tMSB + tCLKL)/n
ns
CLK Frequency
fCLK
250
300
MHz
CLK to DCO Delay (Echoed Clock Mode)
tDCO
0
4
7
ns
DCO to D Delay (Echoed Clock Mode)
tD
0
1
ns
CLK to D Delay
tCLKD
0
4
7
ns
1
The maximum time between conversions is 10,000 ns. If CNV± is left idle for a time greater than the maximum value of tCYC, the subsequent conversion result is invalid.
2
For the maximum CLK period, the window available to read data is tCYC − tMSB + tCLKL. Divide this time by the number of bits (n) to be read giving the maximum CLK±
frequency that can be used for a given conversion CNV frequency. In echoed clock interface mode, n = 16; in self clocked interface mode, n = 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com