Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7626BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7626BCPZ
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7626BCPZ Datasheet HTML 1Page - Analog Devices AD7626BCPZ Datasheet HTML 2Page - Analog Devices AD7626BCPZ Datasheet HTML 3Page - Analog Devices AD7626BCPZ Datasheet HTML 4Page - Analog Devices AD7626BCPZ Datasheet HTML 5Page - Analog Devices AD7626BCPZ Datasheet HTML 6Page - Analog Devices AD7626BCPZ Datasheet HTML 7Page - Analog Devices AD7626BCPZ Datasheet HTML 8Page - Analog Devices AD7626BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
16-Bit, 10 MSPS, PulSAR
Differential ADC
Data Sheet
AD7626
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Throughput: 10 MSPS
SNR: 91.5 dB
16-bit no missing codes
INL: ±0.45 LSB
DNL: ±0.35 LSB
Power dissipation: 136 mW
32-lead LFCSP (5 mm × 5 mm)
SAR architecture
No latency/pipeline delay
16-bit resolution with no missing codes
Zero error: ±1 LSB
Differential input range: ±4.096 V
Serial LVDS interface
Self clocked mode
Echoed clock mode
LVDS or CMOS option for conversion control (CNV signal)
Reference options
Internal: 4.096 V
External (1.2 V) buffered to 4.096 V
External: 4.096 V
APPLICATIONS
Digital imaging systems
Digital X-ray
Digital MRI
CCD and IR cameras
High speed data acquisition
High dynamic range telecommunications receivers
Spectrum analysis
Test equipment
FUNCTIONAL BLOCK DIAGRAM
AD7626
CLOCK
LOGIC
SERIAL
LVDS
IN–
IN+
REFIN
REF VCM
SAR
÷2
CNV+, CNV–
VIO
D+, D–
DCO+, DCO–
CLK+, CLK–
1.2V
BAND GAP
CAP
DAC
Figure 1.
GENERAL DESCRIPTION
The AD7626 is a 16-bit, 10 MSPS, charge redistribution
successive approximation register (SAR) based architecture
analog-to-digital converter (ADC). SAR architecture allows
unmatched performance both in noise (91.5 dB SNR) and in
linearity (±0.45 LSB INL). The AD7626 contains a high speed,
16-bit sampling ADC, an internal conversion clock, and an
internal buffered reference. On the CNV edge, it samples the
voltage difference between the IN+ and IN− pins. The voltages
on these pins swing in opposite phase between 0 V and REF.
The 4.096 V reference voltage, REF, can be generated internally
or applied externally.
All converted results are available on a single low voltage
differential signaling (LVDS) self clocked or echoed clock serial
interface, reducing external hardware connections.
The AD7626 is housed in a 32-lead, 5 mm × 5 mm LFCSP with
operation specified from −40°C to +85°C.
Table 1. Fast PulSAR® ADC Selection
Input Type
Resolution (Bits)
1 MSPS to <2 MSPS
2 MSPS to 3 MSPS
5 MSPS to 6 MSPS
10 MSPS
Differential (Ground Sense)
16
AD7653
AD7985
AD7667
AD7980
AD7983
True Bipolar
16
AD7671
Differential (Antiphase)
16
AD7677
AD7621
AD7625
AD7626
AD7623
AD7622
AD7961
Differential (Antiphase)
18
AD7643
AD7641
AD7960
AD7982
AD7986
AD7984


Similar Part No. - AD7626BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626BCPZ AD-AD7626BCPZ Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626BCPZ-RL7 AD-AD7626BCPZ-RL7 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
More results

Similar Description - AD7626BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7960 AD-AD7960 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7903 AD-AD7903 Datasheet
1Mb / 29P
Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Rev. B
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
AD7623 AD-AD7623 Datasheet
444Kb / 29P
16-Bit, 1.33 MSPS PulSAR ADC
14-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com