Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9222 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9222
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222 Datasheet(HTML) 2 Page - Analog Devices

  AD9222 Datasheet HTML 1Page - Analog Devices AD9222 Datasheet HTML 2Page - Analog Devices AD9222 Datasheet HTML 3Page - Analog Devices AD9222 Datasheet HTML 4Page - Analog Devices AD9222 Datasheet HTML 5Page - Analog Devices AD9222 Datasheet HTML 6Page - Analog Devices AD9222 Datasheet HTML 7Page - Analog Devices AD9222 Datasheet HTML 8Page - Analog Devices AD9222 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
AD9222* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD9222 Evaluation Board
DOCUMENTATION
Application Notes
• AN-1142: Techniques for High Speed ADC PCB Layout
• AN-282: Fundamentals of Sampled Data Systems
• AN-345: Grounding for Low-and-High-Frequency Circuits
• AN-501: Aperture Uncertainty and ADC System
Performance
• AN-715: A First Approach to IBIS Models: What They Are
and How They Are Generated
• AN-737: How ADIsimADC Models an ADC
• AN-741: Little Known Characteristics of Phase Noise
• AN-742: Frequency Domain Response of Switched-
Capacitor ADCs
• AN-756: Sampled Systems and the Effects of Clock Phase
Noise and Jitter
• AN-812: MicroController-Based Serial Port Interface (SPI)
Boot Circuit
• AN-827: A Resonant Approach to Interfacing Amplifiers to
Switched-Capacitor ADCs
• AN-835: Understanding High Speed ADC Testing and
Evaluation
• AN-905: Visual Analog Converter Evaluation Tool Version
1.0 User Manual
• AN-935: Designing an ADC Transformer-Coupled Front
End
Data Sheet
• AD9222: Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/
D Converter Data Sheet
TOOLS AND SIMULATIONS
• Visual Analog
• AD9222 IBIS Models
REFERENCE MATERIALS
Technical Articles
• MS-2210: Designing Power Supplies for High Speed ADC
DESIGN RESOURCES
• AD9222 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD9222 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com