Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9222 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9222
Description  Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9222 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9222 Datasheet HTML 17Page - Analog Devices AD9222 Datasheet HTML 18Page - Analog Devices AD9222 Datasheet HTML 19Page - Analog Devices AD9222 Datasheet HTML 20Page - Analog Devices AD9222 Datasheet HTML 21Page - Analog Devices AD9222 Datasheet HTML 22Page - Analog Devices AD9222 Datasheet HTML 23Page - Analog Devices AD9222 Datasheet HTML 24Page - Analog Devices AD9222 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
AD9222
Data Sheet
Rev. F | Page 20 of 60
2.5
0
0.5
1.0
1.5
2.0
CODE
N
N + 1
N + 2
N + 3
N – 3
N – 2
N – 1
0.3 LSB rms
Figure 51. Input-Referred Noise Histogram, AD9222-65
–120
0
–20
–40
–60
–80
–100
0
5
10
15
20
25
FREQUENCY (MHz)
NPR = 60.3dB
NOTCH = 18.0MHz
NOTCH WIDTH = 3.0MHz
Figure 52. Noise Power Ratio (NPR), AD9222-50
0
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
500
450
400
350
300
250
200
150
100
50
FREQUENCY (MHz)
–3dB BANDWIDTH = 325MHz
Figure 53. Full-Power Bandwidth vs. Frequency, AD9222-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com