Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9267EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 4Page - Analog Devices AD9267EBZ Datasheet HTML 5Page - Analog Devices AD9267EBZ Datasheet HTML 6Page - Analog Devices AD9267EBZ Datasheet HTML 7Page - Analog Devices AD9267EBZ Datasheet HTML 8Page - Analog Devices AD9267EBZ Datasheet HTML 9Page - Analog Devices AD9267EBZ Datasheet HTML 10Page - Analog Devices AD9267EBZ Datasheet HTML 11Page - Analog Devices AD9267EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
AD9267
Rev. 0 | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DVDD to DGND
−0.3 V to +2.0 V
DRVDD to DGND
−0.3 V to +3.9 V
AGND to DGND
−0.3 V to +0.3 V
AVDD to DRVDD
−3.9 V to +2.0 V
CVDD to CGND
−0.3 V to +2.0 V
CGND to DGND
−0.3 V to +0.3 V
D0±A to D3±A to DGND
−0.3 V to +2.0 V
D0±B to D3±B to DGND
−0.3 V to +2.0 V
DCO± to DGND
−0.3 V to +2.0 V
OR±A, OR±B to DGND
−0.3 V to +2.0 V
PDWNA to DGND
−0.3 V to +3.9 V
PDWNB to DGND
−0.3 V to +3.9 V
PLLMULTx to DGND
−0.3 V to +3.9 V
SDIO to DGND
−0.3 V to +3.9 V
CSB to AGND
−0.3 V to +3.9 V
SCLK to AGND
−0.3 V to +3.9 V
VIN±A, VIN±B to AGND
−0.3 V to +2.5 V
CLK+, CLK− to CGND
−0.3 V to +2.0 V
Environmental
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the PCB
increases the reliability of the solder joints, maximizing the
thermal capability of the package.
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, metal in direct contact with the package leads from
metal traces, through holes, ground, and power planes reduces
the θJA.
Table 6. Thermal Resistance
Package Type
θJA
Unit
64-Lead LFCSP (CP-64-4)
22
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com