| Electronic Components Datasheet Search |
|
AD9267EBZ Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9267EBZ Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 25 page ![]() AD9267 Rev. 0 | Page 19 of 24 SERIAL PORT INTERFACE (SPI) The AD9267 serial port interface (SPI) allows the user to configure the converter for specific functions or operations through a structured register space provided inside the ADC. This provides the user added flexibility and customization depending on the application. Addresses are accessed via the serial port and can be written to or read from via the port. Memory is organized into bytes that are further divided into fields, as documented in the Memory Map section. For detailed operational information, see the see the AN-877 Application Note, Interfacing to High Speed ADCs via SPI. CONFIGURATION USING THE SPI As summarized in Table 13, three pins define the SPI of this ADC. The SCLK pin synchronizes the read and write data presented to the ADC. The SDIO pin allows data to be sent and read from the internal ADC memory map registers. The CSB pin is an active low control that enables or disables the read and write cycles. Table 13. Serial Port Interface Pins Pin Function SCLK SCLK (serial clock) is the serial shift clock. SCLK synchronizes serial interface reads and writes. SDIO SDIO (serial data input/output) is an input and output depending on the instruction being sent and the relative position in the timing frame. CSB CSB (chip select) is an active low control that gates the read and write cycles. The falling edge of CSB in conjunction with the rising edge of the SCLK determines the start of the framing. Figure 42 and Table 14 provide an example of the serial timing and its definitions. Other modes involving CSB are available. CSB can be held low indefinitely to permanently enable the device (this is called streaming). CSB can stall high between bytes to allow for additional external timing. When CSB is tied high, SPI functions are placed in a high impedance mode. During an instruction phase, a 16-bit instruction is transmitted. Data follows the instruction phase and the length is determined by the W0 bit and the W1 bit. All data is composed of 8-bit words. The first bit of each individual byte of serial data indicates whether a read or write command is issued. This allows the serial data input/output (SDIO) pin to change direction from an input to an output. In addition to word length, the instruction phase determines if the serial frame is a read or write operation, allowing the serial port to be used to both program the chip as well as to read the contents of the on-chip memory. If the instruction is a readback operation, performing a readback causes the serial data input/ output (SDIO) pin to change direction from an input to an output at the appropriate point in the serial frame. Data can be sent in MSB- or in LSB-first mode. MSB first is the default setting on power-up and can be changed via the configuration register. For more information, see the AN-877 Application Note, Interfacing to High Speed ADCs via SPI. Table 14. SPI Timing Diagram Specifications Parameter Definition tSDS Setup time between data and rising edge of SCLK tSDH Hold time between data and rising edge of SCLK tSCLK Period of the clock tSS Setup time between CSB and SCLK tSH Hold time between CSB and SCLK tSHIGH Minimum period that SCLK should be in a logic high state tSLOW Minimum period that SCLK should be in a logic low state DON’T CARE DON’T CARE DON’T CARE DON’T CARE SDIO SCLK CSB tSS tSDH tSHIGH tSCLK tSLOW tSDS tSH R/W W1 W0 A12 A11 A10 A9 A8 A7 D5 D4 D3 D2 D1 D0 Figure 42. Serial Port Interface Timing Diagram |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |