Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2260CS Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL2260CS
Description  Dual/Quad 130MHz Current Feedback Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2260CS Datasheet(HTML) 1 Page - Intersil Corporation

  EL2260CS Datasheet HTML 1Page - Intersil Corporation EL2260CS Datasheet HTML 2Page - Intersil Corporation EL2260CS Datasheet HTML 3Page - Intersil Corporation EL2260CS Datasheet HTML 4Page - Intersil Corporation EL2260CS Datasheet HTML 5Page - Intersil Corporation EL2260CS Datasheet HTML 6Page - Intersil Corporation EL2260CS Datasheet HTML 7Page - Intersil Corporation EL2260CS Datasheet HTML 8Page - Intersil Corporation EL2260CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7064
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL2260, EL2460
Dual/Quad 130MHz Current Feedback
Amplifiers
The EL2260/EL2460 are dual/quad
current feedback operational amplifiers
with -3dB bandwidth of 130MHz at a
gain of +2. Built using the Elantec proprietary monolithic
complementary bipolar process, these amplifiers use current
mode feedback to achieve more bandwidth at a given gain
than a conventional voltage feedback operational amplifier.
The EL2260/EL2460 are designed to drive a double
terminated 75
Ω coax cable to video levels. Differential gain
and phase are excellent when driving both loads of 500
Ω
(< 0.01%/< 0.01°) and double terminated 75
Ω cables
(0.025%/0.1°).
The amplifiers can operate on any supply voltage from 4V
(±2V) to 33V (±16.5V), yet consume only 7.5mA per
amplifier at any supply voltage. Using industry standard
pinouts, the EL2260 is available in 8-pin PDIP and 8-pin SO
packages, while the EL2460 is available in 14-pin PDIP and
14-pin SO packages.
Elantec’s facilities comply with MIL-I-45208A and offer
applicable quality specifications. For information on Elantec’s
processing, see the Elantec document, QRA-1: Elantec’s
Processing—Monolithic Products.
Pinouts
Features
• 130MHz 3dB bandwidth
(AV = +2)
• 180MHz 3dB bandwidth
(AV = +1)
• 0.01% differential gain, RL = 500Ω
• 0.01° differential phase, RL =500Ω
• Low supply current, 7.5mA per amplifier
• Wide supply range, ±2V to ±15V
• 80mA output current (peak)
• Low cost
• 1500V/µs slew rate
• Input common mode range to within 1.5V of supplies
• 35ns settling time to 0.1%
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converter
EL2260
(8-PIN SO, PDIP)
TOP VIEW
EL2460
(14-PIN SO, PDIP)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
EL2260CN
-40°C to +85°C
8-Pin PDIP
MDP0031
EL2260CS
-40°C to +85°C
8-Pin SOIC
MDP0027
EL2460CN
-40°C to +85°C
14-Pin PDIP
MDP0031
EL2460CS
-40°C to +85°C
14-Pin SOIC
MDP0027
Data Sheet
January 1995, Rev B


Similar Part No. - EL2260CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2260CS ELANTEC-EL2260CS Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
More results

Similar Description - EL2260CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1259 LINER-LT1259 Datasheet
319Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Intersil Corporation
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
Triple 130MHz Current Feedback Amplifier
June 1996
logo
Linear Technology
LT1259 LINER-LT1259_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1260 LINER-LT1260_15 Datasheet
335Kb / 12P
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com