Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9289BBC Datasheet(PDF) 20 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9289BBC Datasheet HTML 16Page - Analog Devices AD9289BBC Datasheet HTML 17Page - Analog Devices AD9289BBC Datasheet HTML 18Page - Analog Devices AD9289BBC Datasheet HTML 19Page - Analog Devices AD9289BBC Datasheet HTML 20Page - Analog Devices AD9289BBC Datasheet HTML 21Page - Analog Devices AD9289BBC Datasheet HTML 22Page - Analog Devices AD9289BBC Datasheet HTML 23Page - Analog Devices AD9289BBC Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
AD9289
Rev. 0 | Page 19 of 32
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift
characteristics. Figure 36 shows the typical drift characteristics
of the internal shared reference in both 1 V and 0.5 V modes.
TEMPERATURE (
°C)
0.15
0.10
0
0.05
–0.05
–0.10
–0.15
–0.20
–0.25
–40
0
–20
60
40
20
80
VREF = 0.5V
VREF = 1.0V
Figure 36. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7 kΩ load. The internal buffer still generates the positive and
negative full-scale references, REFT_A and REFT_B and
REFB_A and REFB_B , for the ADC core. The input span is
always twice the value of the reference voltage; therefore, the
external reference must be limited to a maximum of 1 V.
Power and Ground Recommendations
When connecting power to the AD9289, it is recommended that
two separate 3.0 V supplies be used. One for analog (AVDD)
and one for digital (DRVDD). If only one supply is available
then it should be routed to the AVDD first and tapped off and
isolated with a ferrite bead or filter choke with decoupling
capacitors proceeding. One may want to use several different
decoupling capacitors to cover both high and low frequencies.
These should be located close the point of entry at the pc board
level as well as close to the parts with minimal trace length.
A single pc board ground plane should be sufficient when using
the AD9289. With proper decoupling and smart partitioning of
the pc board’s analog, digital, and clock sections, optimum
performance is easily achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com