Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9289BBC Datasheet(PDF) 30 Page - Analog Devices

Part # AD9289BBC
Description  Serial LVDS 3 V A/D Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9289BBC Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9289BBC Datasheet HTML 25Page - Analog Devices AD9289BBC Datasheet HTML 26Page - Analog Devices AD9289BBC Datasheet HTML 27Page - Analog Devices AD9289BBC Datasheet HTML 28Page - Analog Devices AD9289BBC Datasheet HTML 29Page - Analog Devices AD9289BBC Datasheet HTML 30Page - Analog Devices AD9289BBC Datasheet HTML 31Page - Analog Devices AD9289BBC Datasheet HTML 32Page - Analog Devices AD9289BBC Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD9289
Rev. 0 | Page 29 of 32
Item
Qnty.
per
Board
REFDES
Device
Package
Value
Manufacturing
Mfg. Part Number
1
6-Pole PCB
Connector
Wieland
25.600.5653.0
25
5
P1, P2, P3, P4, P5
SMBMST
SMB
SMBMST
Amphenol-RF
Division
901-144-8RFX
26
4
T1, T2, T3, T4
ADT1-1WT
CD542_X65
ADT1-1WT
Minicircuits
ADT1-1WT
27
1
U17
HEADER
2MMSMT-872
WM18158-
ND
Molex/Waldom
Electronics Corp
87267-0850
28
1
U5
DIFF_CONN
FCN_268M01
DIFF_CONN
Fujitsu
FCN-268M012-G/1D
29
1
J6
MINIJMPR3
2MMSMT-872
MINIJMPR3
Molex/Waldom
Electronics Corp
87267-0850
30
2
JP1, JP2
SGLJMPR
SGLJMPR
87267-0850
Samtec
TSW-120-07-G-S
31
2
11/4"
STANDOFF
NYLON
1/4" 6-32
RAF
4040-632-N
32
2
6-32NUTS
NYLON
6-32
RAF
3058-N
33
1
U1
74VHC04MTC
TSSOP-14
74VHC04
Fairchild
Semiconductor
74VHC04MTC
34
1
U2
FIN1017M
MO8A_(SOIC)
FIN1017M
Fairchild
Semiconductor
FIN1017M
35
1
U4
AD9289BBC-
65
9289BGA
9289BGA
ADI
AD9289BBC-65
36
1
U6
ADR510
SOT23
ADR510
ADI
ADR510
37
4
U7, U8, U9, U10
AD8351ARM
MSOP010
AD8351
ADI
AD8351ARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com