Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECB01913 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECB01913
Description  QC 2.0 compliant Portable Power Bank Single Chip IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECB01913 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECB01913 Datasheet HTML 1Page - E-CMOS Corporation ECB01913 Datasheet HTML 2Page - E-CMOS Corporation ECB01913 Datasheet HTML 3Page - E-CMOS Corporation ECB01913 Datasheet HTML 4Page - E-CMOS Corporation ECB01913 Datasheet HTML 5Page - E-CMOS Corporation ECB01913 Datasheet HTML 6Page - E-CMOS Corporation ECB01913 Datasheet HTML 7Page - E-CMOS Corporation ECB01913 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5L09N-Rev.F002
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 8
ECB01913
QC 2.0 compliant Portable Power Bank Single Chip IC
Features
Internally embedded 1A Max. charge mode, charging current adjustable when under 1A;
OVP function when charge , charge terminated when charge voltage over 6.2V;
Trickling/CC/CV three charging stages , fully charges voltage of 4.22V adjustable 0 V Battery chargeable
Thermo charging protection function, charging current starts to decline from 120 degree Celsius, could lower down to
zero output.
Fixed switching frequency @ 650KHZ in discharge, Power MOSFET driven externally and moderately to reach flexible
application
Internal 0.6V reference Voltage, adjustable output voltage; Internal 0.68V OVP threshold output current adjustable
Meet dual start up modes of button and triggered by EN pin
Constant Output Power function with OCP (Over Current) and SCP (Short Circuit Protection)
Boost function allowed during charge period, indicating LED remains charging status and capacity
boost starts when loading being sense, fall into sleeping mode when loading removed or under 50mA
4 indicating LED controlled to show capacity precisely
Can be defined as a Li- ion battery charger specifically
Direct drive Flashlight LED with max. 50mA without external resistors required
Battery over- charge and over- discharge protection
Internal Function Block


Similar Part No. - ECB01913

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ECB VISHAY-ECB Datasheet
86Kb / 5P
Aluminum Capacitors
05-Jun-08
logo
Ecliptek Corporation
ECB-20-30.000M-GA ECLIPTEK-ECB-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECB-20-30.000M-GTR ECLIPTEK-ECB-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECB-20-30.000M-I2A ECLIPTEK-ECB-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECB-20-30.000M-I2TR ECLIPTEK-ECB-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECB01913

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
Single-Chip Tuner IC for Portable Radio/Cassette Recorders
logo
Micrel Semiconductor
MIC2214 MICREL-MIC2214 Datasheet
233Kb / 11P
Portable Power Management IC
MIC2213 MICREL-MIC2213 Datasheet
234Kb / 11P
Sequenced Portable Power Management IC
MIC2213 MICREL-MIC2213_05 Datasheet
1,001Kb / 11P
Sequenced Portable Power Management IC
logo
Tripp Lite. All Rights ...
UPB-02K6-1U TRIPPLITE-UPB-02K6-1U Datasheet
523Kb / 2P
Portable 2600mAh Mobile Power Bank USB Battery Charger
logo
Texas Instruments
BQ51025 TI1-BQ51025 Datasheet
1Mb / 49P
Compliant Single Chip Wireless Power Receiver
logo
E-CMOS Corporation
EC49024 E-CMOS-EC49024 Datasheet
403Kb / 9P
QC 2.0 Interface Module
logo
NXP Semiconductors
TEA19051BT NXP-TEA19051BT Datasheet
352Kb / 36P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 1-13 February 2018
TEA19051BTK NXP-TEA19051BTK Datasheet
413Kb / 54P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 2-27 August 2018
TEA19051BTK NXP-TEA19051BTK_V01 Datasheet
431Kb / 60P
USB-PD 2.0/USB-PD 3.0/QC 2.0/QC 3.0/QC 4 () controller for SMPS
Rev. 3-21 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com