Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECB01913 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ECB01913
Description  QC 2.0 compliant Portable Power Bank Single Chip IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECB01913 Datasheet(HTML) 4 Page - E-CMOS Corporation

  ECB01913 Datasheet HTML 1Page - E-CMOS Corporation ECB01913 Datasheet HTML 2Page - E-CMOS Corporation ECB01913 Datasheet HTML 3Page - E-CMOS Corporation ECB01913 Datasheet HTML 4Page - E-CMOS Corporation ECB01913 Datasheet HTML 5Page - E-CMOS Corporation ECB01913 Datasheet HTML 6Page - E-CMOS Corporation ECB01913 Datasheet HTML 7Page - E-CMOS Corporation ECB01913 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5L09N-Rev.F002
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
ECB01913
QC 2.0 compliant Portable Power Bank Single Chip IC
Pin Configuration
Ordering Information
Symbol
Pin #
Description
STB
1
Stand- by Control
L4
2
LED Indicator # 4
L3
3
LED Indicator # 3
L2
4
LED Indicator # 2
L1
5
LED Indicator # 1
VDD
6
VDD 5V in
KEY
7
To Button
EN
8
Boost Enable
CE
9
Loading Sensing
LED/Aux
10
Flash LED/ Auxiliary
BTP
11
To Battery +
FB
12
Output basis of boost
PROG
13
Charging current programming Pin
GND
14
Ground
CS
15
Inductor peak current sensing Pin when Boost
GATE
16
Ext. Gate driving Pin when Boost
Part No.
Package type
Marking
Remark
ECB01913M1R
SOP-16L
ECB01913
LLLLL
YYWW
1.
LLLLL:The last five numbers of LOT.
2.
YY:Year code;Year 2014=14
3.
WW:Week code;01~52
ECB01913 XX X
R : Tape Reel
M1:SOP-16L
VDD
L1
L2
L3
L4
KEY
CE
GATE
GND
BTP
LED/Aux
CS
FB
STB
1
3
4
5
11
10
8
7
6
12
9
14
2
13
16
15
PROG
EN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com