Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVR
Description  SINGLE BUFFER GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G34DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G34DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
3
2
4
5
1
NC
VCC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
NC
VCC
Y
A
GND
3
2
4
5
1
NC
Y
A
GND
DNU
GND
VCC
Y
A
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
5
VCC
DNU − Do not use
YZV PACKAGE
(BOTTOM VIEW)
GND
VCC
Y
A
3
1
2
4
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G34
SINGLE BUFFER GATE
SCES519F – DECEMBER 2003 – REVISED OCTOBER 2005
•
Available in the Texas Instruments
•
Ioff Supports Partial-Power-Down Mode
NanoStar™ and NanoFree™ Packages
Operation
•
Supports 5-V V
CC Operation
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Inputs Accept Voltages to 5.5 V
•
ESD Protection Exceeds JESD 22
•
Max t
pd of 3.5 ns at 3.3 V
– 2000-V Human-Body Model (A114-A)
•
Low Power Consumption, 1-
µA Max I
CC
– 200-V Machine Model (A115-A)
•
±24-mA Output Drive at 3.3 V
– 1000-V Charged-Device Model (C101)
This single buffer gate is designed for 1.65-V to 5.5-V VCC operation. The SN74LVC1G34 performs the Boolean
function Y = A in positive logic.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34DBVR TI-SN74LVC1G34DBVR Datasheet
820Kb / 19P
SINGLE BUFFER GATE
SN74LVC1G34DBVR TI1-SN74LVC1G34DBVR Datasheet
1Mb / 38P
SN74LVC1G34 Single Buffer Gate
logo
Guangdong Youtai Semico...
SN74LVC1G34DBVR UMW-SN74LVC1G34DBVR Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Texas Instruments
SN74LVC1G34DBVR TI2-SN74LVC1G34DBVR Datasheet
2Mb / 54P
SN74LVC1G34 Single Buffer Gate
REVISED OCTOBER 2025
SN74LVC1G34DBVR.A TI2-SN74LVC1G34DBVR.A Datasheet
2Mb / 54P
SN74LVC1G34 Single Buffer Gate
REVISED OCTOBER 2025
More results

Similar Description - SN74LVC1G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
SINGLE BUFFER GATE
Rev 1
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
SINGLE BUFFER GATE
Rev 3
logo
Unisonic Technologies
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
SINGLE BUFFER GATE
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
SINGLE BUS BUFFER GATE
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com