Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G34DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVR
Description  SINGLE BUFFER GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G34DBVR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G34DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
A
Y
2
4
A
Y
1
3
SN74LVC1G34
SINGLE BUFFER GATE
SCES519F – DECEMBER 2003 – REVISED OCTOBER 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G34YEPR
0.23-mm Large Bump – YEP
Reel of 3000
_ _ _C9_
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
SN74LVC1G34YZPR
(Pb-free)
NanoStar™ – WCSP (DSBGA)
_ _ _ _
0.23-mm Large Bump – YZV
Reel of 3000
SN74LVC1G34YZVR
C9
–40
°C to 85°C (Pb-free)
Reel of 3000
SN74LVC1G34DBVR
SOT (SOT-23) – DBV
C34_
Reel of 250
SN74LVC1G34DBVT
Reel of 3000
SN74LVC1G34DCKR
SOT (SC-70) – DCK
Reel of 250
SN74LVC1G34DCKT
C9_
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G34DRLR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YEP, YZA/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
YZV: The actual top-side marking is on two lines. Line 1 has four characters to denote year, month, day, and assembly/test site. Line 2
has two characters which show the family and function code. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
H
L
L
LOGIC DIAGRAM (POSITIVE LOGIC)
(DBV, DCK, DRL, YEA, YEP, YZA, and YZP Package)
LOGIC DIAGRAM (POSITIVE LOGIC)
(YZV Package)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com