Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4U2133W4G15-R Datasheet(PDF) 1 Page - A-Data Technology

Part # AD4U2133W4G15-R
Description  High speed up to 2133MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AD4U2133W4G15-R Datasheet(HTML) 1 Page - A-Data Technology

  AD4U2133W4G15-R Datasheet HTML 1Page - A-Data Technology AD4U2133W4G15-R Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Premier DDR4 2133 Unbuffered DIMM Memory
The Premier DDR4 2133 U-DIMM is the latest solution of desktop upgrade, which supports the latest Intel® Haswell-E
platform for extreme performance. With the benefits of DDR4, the Premier DDR4 2133 U-DIMM not only features
faster clock frequencies up to 2133MHz, also saves more power by 20% compared to the previous generations of
DRAM, making it serves as the an environmentally friendly component.
Features
● High speed up to 2133MHz
● Transfer bandwidth up to 17GB/s
● Energy efficient: save power by 20% compared to
DDR3
● 8-layer PCB provides improved signal transfer and
system stability
● Supports Intel Haswell-E platform for extreme
performance
Specifications
● Suitable for desktop PCs
● Module Spec: 288 Pin Unbuffered DIMM
● Densities: 4GB / 8GB
● Power Supply: VDD&VDDQ=1.2V +0.06/-0.06V
● DRAM Activation Power Supply: VPP = 2.5V (2.375V
min, 2.75 max)
● DRAM Spec/VCC: DDR4 STD 1.2V
● Operating Temperature: 0°C to +85°C
● Warranty: Limited Lifetime Warranty


Similar Part No. - AD4U2133W4G15-R

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AD4U2400316G17-B A-DATA-AD4U2400316G17-B Datasheet
394Kb / 2P
High speed up to 2400MHz
AD4U2400316G17-R A-DATA-AD4U2400316G17-R Datasheet
394Kb / 2P
High speed up to 2400MHz
AD4U2400316G17-S A-DATA-AD4U2400316G17-S Datasheet
394Kb / 2P
High speed up to 2400MHz
AD4U240038G17-2 A-DATA-AD4U240038G17-2 Datasheet
394Kb / 2P
High speed up to 2400MHz
AD4U240038G17-B A-DATA-AD4U240038G17-B Datasheet
394Kb / 2P
High speed up to 2400MHz
More results

Similar Description - AD4U2133W4G15-R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
NI673X NI-NI673X Datasheet
337Kb / 8P
High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
logo
AVAGO TECHNOLOGIES LIMI...
ADBS-A350 AVAGO-ADBS-A350 Datasheet
990Kb / 60P
Optical Finger Navigation High speed motion detection up to 20 ips
logo
Rohm
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
High speed clock action up to 5MHz(Max)
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
High speed up to 800MHz
DDR3 A-DATA-DDR3 Datasheet
434Kb / 2P
High speed up to 1600MHz
DDR3L A-DATA-DDR3L Datasheet
438Kb / 2P
High speed up to 1600MHz
DDR42400 A-DATA-DDR42400 Datasheet
394Kb / 2P
High speed up to 2400MHz
DDR42400SO-DIMM A-DATA-DDR42400SO-DIMM Datasheet
401Kb / 2P
High speed up to 2400MHz
SE730 A-DATA-SE730 Datasheet
459Kb / 2P
Read/write speed up to 500MB/s
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com