Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FESD5VB Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FESD5VB
Description  High Current ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FESD5VB Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FESD5VB Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FESD5VB Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FESD5VB Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FESD5VB
High Current ESD Protection
Applications
●
Lan equipment
●
Video
●
DVI
●
High Speed Data Line
●
Ethernet
●
USB 2.0 Power and Data line Protection
Feature
●
With TVS Diode
●
ESD Protection:Level 4
●
Low clamping voltage
●
100 Watts peak pulse power per line(tp=8/20uS)
●
Ultra low capacitance:15pf max.(any I/O to GND.)
●
Protection one line I/O port
SOD523
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):Level 4,Contact:±8kv,Air::±15kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):4A-8/20us
Mechanical Characteristics
●
Molded JEDEC SOD523 package
●
Packging:Tape and Reel
●
Flammability rating UL 94V-0
●
Halgen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
100
Watts
Operating Temperature
TJ
-55~150
℃
Storage Temperature
TSTG
-55~150
℃
E1608A2F-STD-FW-001
Futurewafer Tech Co., Ltd


Similar Part No. - FESD5VB

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FESD5V0B03-0201 FS-FESD5V0B03-0201 Datasheet
1Mb / 4P
Ultra small package
2021. 11. 01 Revision No : 0
logo
FutureWafer Tech Co.,Lt...
FESD5VC2M1L FUTUREWAFER-FESD5VC2M1L Datasheet
546Kb / 1P
Low Clamping Chip Bi-directional TVS diode
FESD5VM FUTUREWAFER-FESD5VM Datasheet
918Kb / 3P
High Current ESD Protection
More results

Similar Description - FESD5VB

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FM05D5G-30PF FUTUREWAFER-FM05D5G-30PF Datasheet
509Kb / 3P
High watts ESD Protection
FESD05VM FUTUREWAFER-FESD05VM Datasheet
518Kb / 5P
High Power ESD Protection
FESD5VM FUTUREWAFER-FESD5VM Datasheet
918Kb / 3P
High Current ESD Protection
logo
Nexperia B.V. All right...
MMBZ16VAL NEXPERIA-MMBZ16VAL Datasheet
238Kb / 12P
High surge current unidirectional double ESD protection diodes
MMBZ16VTAL NEXPERIA-MMBZ16VTAL Datasheet
238Kb / 12P
High surge current unidirectional double ESD protection diodes
logo
FutureWafer Tech Co.,Lt...
FDA036AST FUTUREWAFER-FDA036AST Datasheet
1Mb / 7P
Latch Up High Current ESD Protection Device
FESD05VBL FUTUREWAFER-FESD05VBL Datasheet
1Mb / 8P
High Current For ESD Protection
13-DEC-2021 V 2.0
FHC2421D FUTUREWAFER-FHC2421D Datasheet
931Kb / 7P
High Current ESD Protection
13-DEC-2021 V 2.0
logo
Nexperia B.V. All right...
MMBZ16VAL-Q NEXPERIA-MMBZ16VAL-Q Datasheet
262Kb / 13P
High surge current unidirectional double ESD protection diode
4 October 2022
MMBZ16VTAL-Q NEXPERIA-MMBZ16VTAL-Q Datasheet
263Kb / 13P
High surge current unidirectional double ESD protection diodes
4 October 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com