Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M06CV Datasheet(PDF) 9 Page - STMicroelectronics

Part # L78M06CV
Description  POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M06CV Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L78M06CV Datasheet HTML 5Page - STMicroelectronics L78M06CV Datasheet HTML 6Page - STMicroelectronics L78M06CV Datasheet HTML 7Page - STMicroelectronics L78M06CV Datasheet HTML 8Page - STMicroelectronics L78M06CV Datasheet HTML 9Page - STMicroelectronics L78M06CV Datasheet HTML 10Page - STMicroelectronics L78M06CV Datasheet HTML 11Page - STMicroelectronics L78M06CV Datasheet HTML 12Page - STMicroelectronics L78M06CV Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
L78M00 SERIES
9/21
ELECTRICAL CHARACTERISTICS OF L78M20C (refer to the test circuits, TJ = 25°C, VI =29V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified).
ELECTRICAL CHARACTERISTICS OF L78M24C (refer to the test circuits, TJ = 25°C, VI =33V,
IO =350 mA, CI =0.33 µF, CO = 0.1 µF unless otherwise specified),
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
19.2
20
20.8
V
VO
Output Voltage
IO = 5 to 350 mA
VI =23to35V
19
20
21
V
∆V
O
Line Regulation
VI = 23to 35V
IO = 200 mA
100
mV
VI = 24to 35V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
400
mV
IO = 5 to 200 mA
TJ = 25°C
200
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =23to35V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-1.1
mV/°C
SVR
Supply Voltage Rejection
VI = 24to 34V
f=120Hz
IO = 300mA
53
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
110
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
240
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
23
24
25
V
VO
Output Voltage
IO = 5 to 350 mA
VI =27to38V
22.8
24
25.2
V
∆V
O
Line Regulation
VI = 27to 38V
IO = 200 mA
100
mV
VI = 28to 38V
IO = 200 mA
50
∆V
O
Load Regulation
IO = 5 to 500 mA
TJ = 25°C
480
mV
IO = 5 to 200 mA
TJ = 25°C
240
Id
Quiescent Current
6mA
∆I
d
Quiescent Current Change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA
VI =27to38V
0.8
∆V
O/∆T
Output Voltage Drift
IO =5mA
TJ = 0 to 125°C
-1.2
mV/°C
SVR
Supply Voltage Rejection
VI = 28to 38V
f=120Hz
IO = 300mA
50
dB
eN
Output Noise Voltage
B =10Hz to 100KHz
170
µV
Vd
Dropout Voltage
2
V
Isc
Short Circuit Current
VI = 35 V
240
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com