Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M06CV Datasheet(PDF) 1 Page - STMicroelectronics

Part # L78M06CV
Description  POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M06CV Datasheet(HTML) 1 Page - STMicroelectronics

  L78M06CV Datasheet HTML 1Page - STMicroelectronics L78M06CV Datasheet HTML 2Page - STMicroelectronics L78M06CV Datasheet HTML 3Page - STMicroelectronics L78M06CV Datasheet HTML 4Page - STMicroelectronics L78M06CV Datasheet HTML 5Page - STMicroelectronics L78M06CV Datasheet HTML 6Page - STMicroelectronics L78M06CV Datasheet HTML 7Page - STMicroelectronics L78M06CV Datasheet HTML 8Page - STMicroelectronics L78M06CV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
January 2004
s
OUTPUT CURRENT TO 0.5A
s
OUTPUT VOLTAGES OF 5; 6; 8; 9; 12; 15;
18; 20; 24V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
OUTPUT TRANSITION SOA PROTECTION
DESCRIPTION
The L78M00 series of three-terminal positive
regulators is available in TO-220, TO-220FP,
DPAK and IPAK packages and with several fixed
output voltages, making it useful in a wide range of
applications. These regulators can provide local
on-card regulation, eliminating the distribution
problems associated with single point regulation.
Each type employs internal current limiting,
thermal shut-down and safe area protection,
making it essentially indestructible. If adequate
heat sinking is provided, they can deliver over
0.5A output current. Although designed primarily
as fixed voltage regulators, these devices can be
used
with
external
components
to
obtain
adjustable voltage and currents.
L78M00
SERIES
POSITIVE VOLTAGE REGULATORS
SCHEMATIC DIAGRAM
TO-220
DPAK
TO-220FP
IPAK


Similar Part No. - L78M06CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78M06CV STMICROELECTRONICS-L78M06CV Datasheet
173Kb / 19P
POSITIVE VOLTAGE REGULATORS
Jan-2004
L78M06CV STMICROELECTRONICS-L78M06CV Datasheet
493Kb / 30P
Positive voltage regulators
29-Nov-2006
More results

Similar Description - L78M06CV

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com