Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFC789D25CPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # LFC789D25CPWR
Description  DUAL LINEAR FET CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LFC789D25CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LFC789D25CPWR Datasheet HTML 3Page - Texas Instruments LFC789D25CPWR Datasheet HTML 4Page - Texas Instruments LFC789D25CPWR Datasheet HTML 5Page - Texas Instruments LFC789D25CPWR Datasheet HTML 6Page - Texas Instruments LFC789D25CPWR Datasheet HTML 7Page - Texas Instruments LFC789D25CPWR Datasheet HTML 8Page - Texas Instruments LFC789D25CPWR Datasheet HTML 9Page - Texas Instruments LFC789D25CPWR Datasheet HTML 10Page - Texas Instruments LFC789D25CPWR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
layout
Another benefit of a separate controller and pass element is that the heat dissipated in the external NMOS can
be well isolated from the controller, which has very low power dissipation. Both of these factors allow the
bandgap reference and control circuitry to operate over a more stable temperature range, resulting in very good
accuracy over full-load conditions. The LFC789D25 should be placed as close as possible to the external pass
element because short PCB traces allow minimal EMI coupling to both the drive and sense lines.
For best accuracy, connect the SEN pins as close to the load as possible, not to the source of the NMOS. Also,
place the SEN trace in the same direction and plane as the power trace that connects the source of the NMOS
to the load. Also, it is good practice to keep the load current return path as far as possible from the SEN trace.
Place the 0.1-
µF bypass capacitor as close as possible to the VCC pin and connect it directly to the ground plane.
The GND pin of the LFC789D25 should be connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com