Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KD3FB60 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # KD3FB60
Description  Absolute Maximum Ratings
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

KD3FB60 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

Back Button KD3FB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd KD3FB60 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
特性図
Characteristic diagram
KD3FB60
5/12
ゲート電流 
I G [A]
Gate current IG [A]
0.01
0.1
1
10
0.001
0.01
0.1
1
ゲート 特性
Gate characteristic
Tc=25℃
VGTⅠ,Ⅱ,Ⅲ = 1.5 V
VGM = 6V
Tc=25℃
IGTⅠ,Ⅱ,Ⅲ = 15mA
IGM = 0.3A
VGD = 0.1V
PG(AV) = 0.3 W
PGM = 1.8W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com