Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4210-2CS6 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4210-2CS6
Description  Hot Swap Controller in 6-Lead SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-2CS6 Datasheet(HTML) 1 Page - Linear Technology

  LTC4210-2CS6 Datasheet HTML 1Page - Linear Technology LTC4210-2CS6 Datasheet HTML 2Page - Linear Technology LTC4210-2CS6 Datasheet HTML 3Page - Linear Technology LTC4210-2CS6 Datasheet HTML 4Page - Linear Technology LTC4210-2CS6 Datasheet HTML 5Page - Linear Technology LTC4210-2CS6 Datasheet HTML 6Page - Linear Technology LTC4210-2CS6 Datasheet HTML 7Page - Linear Technology LTC4210-2CS6 Datasheet HTML 8Page - Linear Technology LTC4210-2CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC4210-1/LTC4210-2
421012f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
The LTC
®4210 is a 6-pin SOT-23 Hot SwapTM controller
that allows a board to be safely inserted and removed from
a live backplane. An internal high side switch driver
controls the GATE of an external N-channel MOSFET for a
supply voltage ranging from 2.7V to 16.5V. The LTC4210
provides the initial timing cycle and allows the GATE to be
ramped up at an adjustable rate.
The LTC4210 features a fast current limit loop providing
active current limiting together with a circuit breaker
timer. The signal at the ON pin turns the part on and off and
is also used for the reset function.
This part is available in two options: the LTC4210-1 for
automatic retry on overcurrent fault and the LTC4210-2
for latch off on an overcurrent fault.
s
Allows Safe Board Insertion and Removal
from a Live Backplane
s
Adjustable Analog Current Limit
with Circuit Breaker
s
Fast Response Limits Peak Fault Current
s
Automatic Retry or Latch Off On Current Fault
s
Adjustable Supply Voltage Power-Up Rate
s
High Side Drive for External MOSFET Switch
s
Controls Supply Voltages from 2.7V to 16.5V
s
Undervoltage Lockout
s
Adjustable Overvoltage Protection
s
Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
s
Hot Board Insertion
s
Electronic Circuit Breaker
s
Industrial High Side Switch/Circuit Breaker
Hot Swap Controller in
6-Lead SOT-23 Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Single Channel 5V Hot Swap Controller
ThinSOT and Hot Swap are trademarks of Linear Technology Corporation.
Power-Up Sequence
+
VCC
SENSE
LTC4210
470
µF
CLOAD
VOUT
5V
4A
GND
4210 TA01
RC
100
Ω
GATE
GND
TIMER
ON
SHORT
LONG
VIN
5V
GND
LONG
Z1: ISMA10A OR SMAJ10A
RON2
10k
RON1
20k
RX
10
Ω
RSENSE
0.01
Ω
PCB EDGE
CONNECTOR
(MALE)
Q1
Si4410DY
Z1
OPTIONAL
RG
100
Ω
CTIMER
0.22
µF
CX
0.1
µF
CC
0.01
µF
BACKPLANE
CONNECTOR
(FEMALE)
4210 TA02
10ms/DIV
IOUT
(0.5A/DIV)
VOUT
(5V/DIV)
VON
(2V/DIV)
VTIMER
(1V/DIV)
CLOAD = 470µF


Similar Part No. - LTC4210-2CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-2CS6

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
Hot Swap Controller in 6-Lead TSOT Package
7/06-Revision 0
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
Hot Swap Controller in 6-Lead TSOT Package
REV. A
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
Hot Swap Controller in 6-Lead SOT-23 Package
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com