Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4210-2CS6 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4210-2CS6
Description  Hot Swap Controller in 6-Lead SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-2CS6 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4210-2CS6 Datasheet HTML 2Page - Linear Technology LTC4210-2CS6 Datasheet HTML 3Page - Linear Technology LTC4210-2CS6 Datasheet HTML 4Page - Linear Technology LTC4210-2CS6 Datasheet HTML 5Page - Linear Technology LTC4210-2CS6 Datasheet HTML 6Page - Linear Technology LTC4210-2CS6 Datasheet HTML 7Page - Linear Technology LTC4210-2CS6 Datasheet HTML 8Page - Linear Technology LTC4210-2CS6 Datasheet HTML 9Page - Linear Technology LTC4210-2CS6 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC4210-1/LTC4210-2
421012f
VCB vs Supply Voltage
4210 G24
SUPPLY VOLTAGE (V)
0
58
56
54
52
50
48
46
44
42
16
4
2
6
10
14
18
8
12
20
58
56
54
52
50
48
46
44
42
TA = 25°C
–75
150
–25
–50
0
25
50
75 100 125
TEMPERATURE (
°C)
4210 G25
VCC = 5V
TYPICAL PERFOR A CE CHARACTERISTICS
VCB vs Temperature
PI FU CTIO S
TIMER (Pin 1): Timer Input Pin. An external capacitor
CTIMERsets a 272.9ms/µF initial timing delay and a 21.7ms/
µF circuit breaker delay. The GATE pin turns off whenever
the TIMER pin is pulled beyond the COMP2 threshold,
such as for overvoltage detection with an external zener.
GND (Pin 2): Ground Pin.
ON (Pin 3): ON Input Pin. The ON pin comparator has a
low-to-high threshold of 1.3V with 80mV hysteresis and a
glitch filter. When the ON pin is low, the LTC4210 is reset.
When the ON pin goes high, the GATE turns on after the
initial timing cycle.
GATE (Pin 4): GATE Output Pin. This pin is the high side
gate drive of an external N-channel MOSFET. An internal
charge pump provides a 10
µA pull-up current with Zener
clamps to VCC and ground. In overload, the error amplifier
(EA) controls the external MOSFET to maintain a constant
load current. An external R-C compensation network
should be connected to this pin for current limit loop
stability.
SENSE (Pin 5): Current Limit Sense Input Pin. A sense
resistor between the VCC and SENSE pins sets the analog
current limit. In overload, the EA controls the external
MOSFET gate to maintain the SENSE pin voltage at 50mV
below VCC. When the EA is maintaining current limit, the
TIMER circuit breaker mode is activated. The current limit
loop/circuit breaker mode can be disabled by connecting
the SENSE pin to the VCC pin.
VCC (Pin 6): Positive Supply Input Pin. The operating
supply voltage range is between 2.7V to 16.5V. An under-
voltage lockout (UVLO) circuit with a glitch filter resets the
LTC4210 when a low supply voltage is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com