Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9240AS Datasheet(PDF) 1 Page - Analog Devices

Part # AD9240AS
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240AS Datasheet(HTML) 1 Page - Analog Devices

  AD9240AS Datasheet HTML 1Page - Analog Devices AD9240AS Datasheet HTML 2Page - Analog Devices AD9240AS Datasheet HTML 3Page - Analog Devices AD9240AS Datasheet HTML 4Page - Analog Devices AD9240AS Datasheet HTML 5Page - Analog Devices AD9240AS Datasheet HTML 6Page - Analog Devices AD9240AS Datasheet HTML 7Page - Analog Devices AD9240AS Datasheet HTML 8Page - Analog Devices AD9240AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 14-Bit, 10 MSPS
Monolithic A/D Converter
AD9240
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781
© Analog Devices, Inc.,
FUNCTIONAL BLOCK DIAGRAM
VINA
CAPT
CAPB
SENSE
OTR
BIT 1
(MSB)
BIT 14
(LSB)
VREF
DVSS
AVSS
AD9240
SHA
DIGITAL CORRECTION LOGIC
OUTPUT BUFFERS
VINB
1V
REFCOM
5
5
4
4
4
4
4
14
DVDD
AVDD
CLK
MODE
SELECT
MDAC3
GAIN = 8
MDAC2
GAIN = 8
MDAC1
GAIN = 16
A/D
A/D
A/D
DRVDD
DRVSS
CML
BIAS
A/D
FEATURES
Monolithic 14-Bit, 10 MSPS A/D Converter
Low Power Dissipation: 285 mW
Single +5 V Supply
Integral Nonlinearity Error: 2.5 LSB
Differential Nonlinearity Error: 0.6 LSB
Input Referred Noise: 0.36 LSB
Complete: On-Chip Sample-and-Hold Amplifier and
Voltage Reference
Signal-to-Noise and Distortion Ratio: 77.5 dB
Spurious-Free Dynamic Range: 90 dB
Out-of-Range Indicator
Straight Binary Output Data
44-Lead MQFP
PRODUCT HIGHLIGHTS
The AD9240 offers a complete single-chip sampling 14-bit,
analog-to-digital conversion function in a 44-lead Metric Quad
Flatpack.
Low Power and Single Supply
The AD9240 consumes only 280 mW on a single +5 V power
supply.
Excellent DC Performance Over Temperature
The AD9240 provides no missing codes, and excellent tempera-
ture drift performance over the full operating temperature range.
Excellent AC Performance and Low Noise
The AD9240 provides nearly 13 ENOB performance and has an
input referred noise of 0.36 LSB rms.
Flexible Analog Input Range
The versatile onboard sample-and-hold (SHA) can be configured
for either single ended or differential inputs of varying input spans.
Flexible Digital Outputs
The digital outputs can be configured to interface with +3 V and
+5 V CMOS logic families.
Excellent Undersampling Performance
The full power bandwidth and dynamic range of the AD9240
make it well suited for Direct-IF Down Conversion extending to
45 MHz.
PRODUCT DESCRIPTION
The AD9240 is a 10 MSPS, single supply, 14-bit analog-to-
digital converter (ADC). It combines a low cost, high speed
CMOS process and a novel architecture to achieve the resolution
and speed of existing hybrid implementations at a fraction of the
power consumption and cost. It is a complete, monolithic ADC
with an on-chip, high performance, low noise sample-and-hold
amplifier and programmable voltage reference. An external refer-
ence can also be chosen to suit the dc accuracy and temperature
drift requirements of the application. The device uses a multistage
differential pipelined architecture with digital output error correc-
tion logic to guarantee no missing codes over the full operating
temperature range.
The input of the AD9240 is highly flexible, allowing for easy
interfacing to imaging, communications, medical and data-
acquisition systems. A truly differential input structure allows
for both single-ended and differential input interfaces of varying
input spans. The sample-and-hold amplifier (SHA) is equally
suited for multiplexed systems that switch full-scale voltage
levels in successive channels as well as sampling single-channel
inputs at frequencies up to and beyond the Nyquist rate. The
AD9240 also performs well in communication systems employ-
ing Direct-IF Down Conversion, since the SHA in the differen-
tial input mode can achieve excellent dynamic performance well
beyond its specified Nyquist frequency of 5 MHz.
A single clock input is used to control all internal conversion
cycles. The digital output data is presented in straight binary
output format. An out-of-range (OTR) signal indicates an
overflow condition which can be used with the most significant
bit to determine low or high overflow.
B
2010
/461-3113


Similar Part No. - AD9240AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9240AS AD-AD9240AS Datasheet
328Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV.A
AD9240AS AD-AD9240AS Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
logo
List of Unclassifed Man...
AD9240AS ETC2-AD9240AS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Analog Devices
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
More results

Similar Description - AD9240AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV.C
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV. F
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773 AD-AD773_15 Datasheet
4Mb / 16P
10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV. F
AD9225 AD-AD9225_17 Datasheet
988Kb / 26P
Monolithic A/D Converter
Rev. C
AD561 AD-AD561_17 Datasheet
623Kb / 5P
LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
28-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com