Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9240AS Datasheet(PDF) 19 Page - Analog Devices

Part # AD9240AS
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240AS Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9240AS Datasheet HTML 15Page - Analog Devices AD9240AS Datasheet HTML 16Page - Analog Devices AD9240AS Datasheet HTML 17Page - Analog Devices AD9240AS Datasheet HTML 18Page - Analog Devices AD9240AS Datasheet HTML 19Page - Analog Devices AD9240AS Datasheet HTML 20Page - Analog Devices AD9240AS Datasheet HTML 21Page - Analog Devices AD9240AS Datasheet HTML 22Page - Analog Devices AD9240AS Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD9240
REV.
–18–
Variable Input Span with VCM = 2.5 V
Figure 42 shows an example of the AD9240 configured for an
input span of 2
× VREF centered at 2.5 V. An external 2.5 V
reference drives the VINB pin thus setting the common-mode
voltage at 2.5 V. The input span can be independently set by a
voltage divider consisting of R1 and R2, which generates the
VREF signal. A1 buffers this resistor network and drives VREF.
Choose this op amp based on accuracy requirements. It is
essential that a minimum of a 10
µF capacitor in parallel with a
0.1
µF low inductance ceramic capacitor decouple the reference
output to ground.
2.5V+VREF
2.5V–VREF
2.5V
+5V
0.1 F
22 F
VINA
VINB
VREF
SENSE
AD9240
+5V
R2
0.1 F
A1
R1
0.1 F
2.5V
REF
Figure 42. External Reference, VCM = 2.5 V (2.5 V on VINB,
Resistor Divider to Make VREF)
Single-Ended Input with 0 to 2
VREF Range
Figure 43 shows an example of an external reference driving
both VINB and VREF. In this case, both the common mode
voltage and input span are directly dependent on the value of
VREF. More specifically, the common-mode voltage is equal to
VREF while the input span is equal to 2
× VREF. Thus, the
valid input range extends from 0 to 2
× VREF. If, for example,
the REF191, a 2.048 external reference, were selected, the valid
input range extends from 0 V to 4.096 V. In this case, 1 LSB of
the AD9240 corresponds to 0.250 mV. It is essential that a
minimum of a 10
µF capacitor in parallel with a 0.1 µF low induc-
tance ceramic capacitor decouple the reference output to ground.
2xREF
0V
+5V
10 F
VINA
VINB
VREF
SENSE
AD9240
+5V
0.1 F
VREF
0.1 F
0.1 F
Figure 43. Input Range = 0 V to 2
× VREF
Low Cost/Power Reference
The external reference circuit shown in Figure 44 uses a low cost
1.225 V external reference (e.g., AD580 or AD1580) along with an
op amp and transistor. The 2N2222 transistor acts in conjunction
with 1/2 of an OP282 to provide a very low impedance drive for
VINB. The selected op amp need not be a high speed op amp and
may be selected based on cost, power and accuracy.
3.75V
1.25V
+5V
10 F
VINA
VINB
VREF
SENSE
AD9240
+5V
0.1 F
316
1k
0.1 F
1/2
OP282
10 F
0.1 F
7.5k
AD1580
1k
1k
820
+5V
2N2222
1.225V
Figure 44. External Reference Using the AD1580 and Low
Impedance Buffer
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
The AD9240 output data is presented in positive true straight
binary for all input ranges. Table IV indicates the output data
formats for various input ranges regardless of the selected input
range. A twos complement output data format can be created by
inverting the MSB.
Table IV. Output Data Format
Input (V)
Condition (V)
Digital Output
OTR
VINA – VINB < –VREF
00 0000 0000 0000 1
VINA – VINB = –VREF
00 0000 0000 0000 0
VINA – VINB = 0
10 0000 0000 0000 0
VINA – VINB = +VREF – 1 LSB
11 1111 1111 1111 0
VINA – VINB
≥ +VREF
11 1111 1111 1111 1
Out Of Range (OTR)
An out-of-range condition exists when the analog input voltage
is beyond the input range of the converter. OTR is a digital
output that is updated along with the data output corresponding
to the particular sampled analog input voltage. Hence, OTR
has the same pipeline delay (latency) as the digital data. It is
LOW when the analog input voltage is within the analog input
range. It is HIGH when the analog input voltage exceeds the
input range as shown in Figure 45. OTR will remain HIGH
until the analog input returns within the input range and an-
other conversion is completed. By logical ANDing OTR with
the MSB and its complement, overrange high or underrange low
conditions can be detected. Table V is a truth table for the over/
underrange circuit in Figure 46 which uses NAND gates. Sys-
tems requiring programmable gain conditioning of the AD9240
input signal can immediately detect an out-of-range condition,
thus eliminating gain selection iterations. Also, OTR can be
used for digital offset and gain calibration.
111111 1111 1111
111111 1111 1111
111111 1111 1110
OTR
–FS
+FS
–FS+1/2 LSB
+FS –1/2 LSB
–FS –1/2 LSB
+FS –1 1/2 LSB
000000 0000 0001
000000 0000 0000
000000 0000 0000
1
0
0
0
0
1
OTR
DATA OUTPUTS
Figure 45. Output Data Format
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com