Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9225ARSZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9225ARSZ
Description  Monolithic A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225ARSZ Datasheet(HTML) 4 Page - Analog Devices

  AD9225ARSZ Datasheet HTML 1Page - Analog Devices AD9225ARSZ Datasheet HTML 2Page - Analog Devices AD9225ARSZ Datasheet HTML 3Page - Analog Devices AD9225ARSZ Datasheet HTML 4Page - Analog Devices AD9225ARSZ Datasheet HTML 5Page - Analog Devices AD9225ARSZ Datasheet HTML 6Page - Analog Devices AD9225ARSZ Datasheet HTML 7Page - Analog Devices AD9225ARSZ Datasheet HTML 8Page - Analog Devices AD9225ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AD9225
–3–
Parameter
Min
Typ
Max
Unit
SIGNAL-TO-NOISE AND DISTORTION RATIO (S/N+D)
fINPUT = 2.5 MHz
67.4
70.7
dB
fINPUT = 10 MHz
66.7
69.6
dB
SIGNAL-TO-NOISE RATIO (SNR)
fINPUT = 2.5 MHz
69.0
71
dB
fINPUT = 10 MHz
68.2
70
dB
TOTAL HARMONIC DISTORTION (THD)
fINPUT = 2.5 MHz
–82
–72
dB
fINPUT = 10 MHz
–81
–71.5
dB
SPURIOUS FREE DYNAMIC RANGE
fINPUT = 2.5 MHz
73
–85
dB
fINPUT = 10 MHz
72.5
–83
dB
Full Power Bandwidth
105
MHz
Small Signal Bandwidth
105
MHz
Aperture Delay
1
ns
Aperture Jitter
1
ps rms
Acquisition to Full-Scale Step
10
ns
Specifications subject to change without notice.
SWITCHING SPECIFICATIONS (T
MIN to TMAX with AVDD = 5 V, DRVDD = 5 V, CL = 20 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Clock Period
*
tC
40
ns
CLOCK Pulse Width High
tCH
18
ns
CLOCK Pulse Width Low
tCL
18
ns
Output Delay
tOD
13
ns
Pipeline Delay (Latency)
3
Clock Cycles
*The clock period may be extended to 1 ms without degradation in specified performance @ 25
∞C.
Specifications subject to change without notice.
AC SPECIFICATIONS
(AVDD = 5 V, DRVDD = 5 V, fSAMPLE = 25 MSPS, VREF = 2.0 V, TMIN to TMAX, Differential Input unless
otherwise noted.)
DIGITAL SPECIFICATIONS (AVDD = 5 V, DRVDD = 5 V, unless otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
High Level Input Voltage
VIH
3.5
V
Low Level Input Voltage
VIL
1.0
V
High Level Input Current (VIN = DRVDD)
IIH
–10
+10
mA
Low Level Input Current (VIN = 0 V)
IIL
–10
+10
mA
Input Capacitance
CIN
5pF
LOGIC OUTPUTS
High Level Output Voltage (IOH = 50
mA)
VOH
4.5
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V
Low Level Output Voltage (IOL = 50
mA)
VOL
0.1
V
Output Capacitance
COUT
5pF
LOGIC OUTPUTS (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50
mA)
VOH
2.95
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
2.80
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
0.4
V
Low Level Output Voltage (IOL = 50
mA)
VOL
0.05
V
Specifications subject to change without notice.
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com