Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9225ARSZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9225ARSZ
Description  Monolithic A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225ARSZ Datasheet(HTML) 1 Page - Analog Devices

  AD9225ARSZ Datasheet HTML 1Page - Analog Devices AD9225ARSZ Datasheet HTML 2Page - Analog Devices AD9225ARSZ Datasheet HTML 3Page - Analog Devices AD9225ARSZ Datasheet HTML 4Page - Analog Devices AD9225ARSZ Datasheet HTML 5Page - Analog Devices AD9225ARSZ Datasheet HTML 6Page - Analog Devices AD9225ARSZ Datasheet HTML 7Page - Analog Devices AD9225ARSZ Datasheet HTML 8Page - Analog Devices AD9225ARSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
Analog Devices, Inc. All rights reserved.
AD9225
Complete 12-Bit, 25 MSPS
Monolithic A/D Converter
FEATURES
Monolithic 12-Bit, 25 MSPS ADC
Low Power Dissipation: 280 mW
Single 5 V Supply
No Missing Codes Guaranteed
Differential Nonlinearity Error:
0.4 LSB
Complete On-Chip Sample-and-Hold Amplifier and
Voltage Reference
Signal-to-Noise and Distortion Ratio: 71 dB
Spurious-Free Dynamic Range: –85 dB
Out-of-Range Indicator
Straight Binary Output Data
28-Lead SOIC
28-Lead SSOP
Compatible with 3 V Logic
FUNCTIONAL BLOCK DIAGRAM
VINA
CAPT
CAPB
SENSE
OTR
BIT 1
(MSB)
BIT 12
(LSB)
VREF
DRVSS
AVSS
CML
AD9225
SHA
DIGITAL CORRECTION LOGIC
OUTPUT BUFFERS
VINB
1V
REFCOM
5
5
3
3
3
3
4
12
DRVDD
AVDD
CLK
MODE
SELECT
MDAC3
GAIN = 4
MDAC2
GAIN = 4
MDAC1
GAIN = 16
ADC
ADC
ADC
ADC
GENERAL DESCRIPTION
The AD9225 is a monolithic, single-supply, 12-bit, 25 MSPS
analog-to-digital converter with an on-chip, high performance
sample-and-hold amplifier and voltage reference. The AD9225
uses a multistage differential pipelined architecture with output
error correction logic to provide 12-bit accuracy at 25 MSPS
data rates, and guarantees no missing codes over the full operat-
ing temperature range.
The AD9225 combines a low cost, high speed CMOS process
and a novel architecture to achieve the resolution and speed of
existing bipolar implementations at a fraction of the power
consumption and cost.
The input of the AD9225 allows for easy interfacing to both
imaging and communications systems. With the device’s truly
differential input structure, the user can select a variety of input
ranges and offsets, including single-ended applications. The
dynamic performance is excellent.
The sample-and-hold amplifier (SHA) is well suited for both
multiplexed systems that switch full-scale voltage levels in succes-
sive channels and sampling single-channel inputs at frequencies
up to and well beyond the Nyquist rate.
The AD9225’s wideband input, combined with the power and
cost savings over previously available monolithics, suits applica-
tions in communications, imaging, and medical ultrasound.
The AD9225 has an on-board programmable reference. An
external reference can also be chosen to suit the dc accuracy
and temperature drift requirements of an application.
A single clock input is used to control all internal conversion
cycles. The digital output data is presented in straight binary
output format. An out-of-range signal indicates an overflow
condition that can be used with the most significant bit to deter-
mine low or high overflow.
PRODUCT HIGHLIGHTS
The AD9225 is fabricated on a very cost effective CMOS pro-
cess. High speed precision analog circuits are combined with
high density logic circuits.
The AD9225 offers a complete, single-chip sampling, 12-bit,
25 MSPS analog-to-digital conversion function in 28-lead
SOIC and SSOP packages.
Low Power—The AD9225 at 280 mW consumes a fraction of
the power presently available in monolithic solutions.
On-Board Sample-and-Hold Amplifier (SHA)—The versa-
tile SHA input can be configured for either single-ended or
differential inputs.
Out-of-Range (OTR)—The OTR output bit indicates when
the input signal is beyond the AD9225’s input range.
Single Supply—The AD9225 uses a single 5 V power supply,
simplifying system power supply design. It also features a sepa-
rate digital driven supply line to accommodate 3 V and 5 V logic
families.
Pin Compatibility—The AD9225 is pin compatible with the
AD9220, AD9221, AD9223, and AD9224 ADCs.
Rev. C
781/461-3113 ©1998-2011


Similar Part No. - AD9225ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9225ARS AD-AD9225ARS Datasheet
321Kb / 24P
Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV.A
More results

Similar Description - AD9225ARSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV.C
AD9022 AD-AD9022 Datasheet
240Kb / 12P
12-Bit 20 MSPS Monolithic A/D Converter
REV.B
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV. F
AD1508 AD-AD1508_15 Datasheet
1Mb / 4P
8 BIT MONOLITHIC MULTIPLYING D/A CONVERTER
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773 AD-AD773_15 Datasheet
4Mb / 16P
10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD568 AD-AD568_15 Datasheet
544Kb / 14P
12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
Monolithic 8-Bit Video A/D Converter
REV. F
AD9240 AD-AD9240_17 Datasheet
369Kb / 25P
Monolithic A/D Converter
Rev. B
AD561 AD-AD561_17 Datasheet
623Kb / 5P
LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
28-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com