Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2603 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 2Page - Analog Devices SSM2603 Datasheet HTML 3Page - Analog Devices SSM2603 Datasheet HTML 4Page - Analog Devices SSM2603 Datasheet HTML 5Page - Analog Devices SSM2603 Datasheet HTML 6Page - Analog Devices SSM2603 Datasheet HTML 7Page - Analog Devices SSM2603 Datasheet HTML 8Page - Analog Devices SSM2603 Datasheet HTML 9Page - Analog Devices SSM2603 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
SSM2603
Rev. C | Page 5 of 32
TIMING CHARACTERISTICS
Table 3. I2C® Timing
Limit
Parameter
tMIN
tMAX
Unit
Description
tSCS
600
ns
Start condition setup time
tSCH
600
ns
Start condition hold time
tPH
600
ns
SCLK pulse width high
tPL
1.3
μs
SCLK pulse width low
fSCLK
0
526
kHz
SCLK frequency
tDS
100
ns
Data setup time
tDH
900
ns
Data hold time
tRT
300
ns
SDIN and SCLK rise time
tFT
300
ns
SDIN and SCLK fall time
tHCS
600
ns
Stop condition setup time
Figure 2. I2C Timing
Table 4. Digital Audio Interface Slave Mode Timing
Limit
Parameter
tMIN
tMAX
Unit
Description
tDS
10
ns
PBDAT setup time from BCLK rising edge
tDH
10
ns
PBDAT hold time from BCLK rising edge
tLRSU
10
ns
RECLRC/PBLRC setup time to BCLK rising edge
tLRH
10
ns
RECLRC/PBLRC hold time to BCLK rising edge
tDD
30
ns
RECDAT propagation delay from BCLK falling edge (external
load of 70 pF)
tBCH
25
ns
BCLK pulse width high
tBCL
25
ns
BCLK pulse width low
tBCY
50
ns
BCLK cycle time
Figure 3. Digital Audio Interface Slave Mode Timing
SCLK
SDIN
tRT
tSCH
tPL
tDS
tPH
tDH
tFT
tSCS
tHCS
BCLK
PBLRC/
RECLRC
PBDAT
RECDAT
tBCL
tDS
tLRSU
tLRH
tBCH
tBCY
tDD
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com