Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP384F02 Datasheet(PDF) 10 Page - World Produts Inc.

Part # PCMP384F02
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F02 Datasheet(HTML) 10 Page - World Produts Inc.

Back Button PCMP384F02 Datasheet HTML 6Page - World Produts Inc. PCMP384F02 Datasheet HTML 7Page - World Produts Inc. PCMP384F02 Datasheet HTML 8Page - World Produts Inc. PCMP384F02 Datasheet HTML 9Page - World Produts Inc. PCMP384F02 Datasheet HTML 10Page - World Produts Inc. PCMP384F02 Datasheet HTML 11Page - World Produts Inc. PCMP384F02 Datasheet HTML 12Page - World Produts Inc. PCMP384F02 Datasheet HTML 13Page - World Produts Inc. PCMP384F02 Datasheet HTML 14Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
194
VRdc = 1000 V
VRac = 500 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 10.0
± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.00047
0.00056
0.00068
0.00082
4.0 x 10.0 x 12.5
0.8
PCMP 384DDH471(*)
PCMP 384DDH561(*)
PCMP 384DDH681(*)
PCMP 384DDH821(*)
- (*)
- (*)
- (*)
- (*)
0.0010
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.0020
0.0022
0.0024
0.0027
0.0030
0.0033
4.0 x 10.0 x 12.5
0.8
PCMP 384 D2102
PCMP 384 D2112
PCMP 384 D2122
PCMP 384 D2132
PCMP 384 D2152
PCMP 384 D2162
PCMP 384 D2182
PCMP 384 D2202
PCMP 384 D2222
PCMP 384 D2242
PCMP 384 D2272
PCMP 384 D2302
PCMP 384 D2332
PCMP 384 DA102
PCMP 384 DA112
PCMP 384 DA122
PCMP 384 DA132
PCMP 384 DA152
PCMP 384 DA162
PCMP 384 DA182
PCMP 384 DA202
PCMP 384 DA222
PCMP 384 DA242
PCMP 384 DA272
PCMP 384 DA302
PCMP 384 DA332
0.0036
0.0039
0.0043
0.0047
5.0 x 11.0 x 12.5
0.9
PCMP 384 D2362
PCMP 384 D2392
PCMP 384 D2432
PCMP 384 D2472
PCMP 384 DA362
PCMP 384 DA392
PCMP 384 DA432
PCMP 384 DA472
0.0051
0.0056
0.0062
0.0068
6.0 x 12.0 x12.5
1.0
PCMP 384 D2512
PCMP 384 D2562
PCMP 384 D2622
PCMP 384 D2682
PCMP 384 DA512
PCMP 384 DA562
PCMP 384 DA622
PCMP 384 DA682
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
5.0 x 11.0 x 18.0
1.2
PCMP 384 DH221(*)
PCMP 384 DH271(*)
PCMP 384 DH331(*)
PCMP 384 DH391(*)
PCMP 384 DH471(*)
PCMP 384 DH561(*)
PCMP 384 DH681(*)
PCMP 384 DH821(*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
0.0056
0.0062
0.0068
0.0075
0.0082
0.0091
0.010
0.011
0.012
0.013
5.0 x 11.0 x 18.0
1.2
PCMP 384 72332
PCMP 384 72362
PCMP 384 72392
PCMP 384 72432
PCMP 384 72472
PCMP 384 72512
PCMP 384 72562
PCMP 384 72622
PCMP 384 72682
PCMP 384 D2752
PCMP 384 D2822
PCMP 384 D2912
PCMP 384 D2103
PCMP 384 D2113
PCMP 384 D2123
PCMP 384FD2133
PCMP 384 7A332
PCMP 384 7A362
PCMP 384 7A392
PCMP 384 7A432
PCMP 384 7A472
PCMP 384 7A512
PCMP 384 7A562
PCMP 384 7A622
PCMP 384 7A682
PCMP 384 DA752
PCMP 384 DA822
PCMP 384 DA912
PCMP 384 DA103
PCMP 384 DA113
PCMP 384 DA123
PCMP 384FDA133
0.013
0.015
0.016
0.018
0.020
6.0 x 12.0 x 18.0
1.4
PCMP 384 D2133
PCMP 384 D2153
PCMP 384FD2163
PCMP 384FD2183
PCMP 384FD2203
PCMP 384 DA133
PCMP 384 DA153
PCMP 384FDA163
PCMP 384FDA183
PCMP 384FDA203
0.016
0.018
0.020
0.022
0.024
0.027
7.0 x 13.5 x 18.0
1.9
PCMP 384 D2163
PCMP 384 D2183
PCMP 384 D2203
PCMP 384 D2223
PCMP 384FD2243
PCMP 384FD2273
PCMP 384 DA163
PCMP 384 DA183
PCMP 384 DA203
PCMP 384 DA223
PCMP 384FDA243
PCMP 384FDA273
0.024
0.027
0.030
0.033
0.036
0.039
8.5 x 15.0 x 18.0
2.6
PCMP 384 D2243
PCMP 384 D2273
PCMP 384 D2303
PCMP 384 D2333
PCMP 384FD2363
PCMP 384FD2393
PCMP 384 DA243
PCMP 384 DA273
PCMP 384 DA303
PCMP 384 DA333
PCMP 384FDA363
PCMP 384FDA393
0.036
0.039
10.0 x 16.5 x 18.0
3.1
PCMP 384 D2363
PCMP 384 D2393
PCMP 384 DA363
PCMP 384 DA393
* Capacitance tolerance±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com