Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMP384F02 Datasheet(PDF) 15 Page - World Produts Inc.

Part # PCMP384F02
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384F02 Datasheet(HTML) 15 Page - World Produts Inc.

Back Button PCMP384F02 Datasheet HTML 11Page - World Produts Inc. PCMP384F02 Datasheet HTML 12Page - World Produts Inc. PCMP384F02 Datasheet HTML 13Page - World Produts Inc. PCMP384F02 Datasheet HTML 14Page - World Produts Inc. PCMP384F02 Datasheet HTML 15Page - World Produts Inc. PCMP384F02 Datasheet HTML 16Page - World Produts Inc. PCMP384F02 Datasheet HTML 17Page - World Produts Inc. PCMP384F02 Datasheet HTML 18Page - World Produts Inc. PCMP384F02 Datasheet HTML 19Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
199
VRdc = 2000 V
VRac = 680 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.0010
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.0020
0.0022
0.0024
0.0027
0.0030
0.0033
0.0036
0.0039
0.0043
0.0047
5.0 x 11.0 x 18.0
1.2
PCMP 384 92102
PCMP 384 92112
PCMP 384 92122
PCMP 384 92132
PCMP 384 92152
PCMP 384 92162
PCMP 384 92182
PCMP 384 92202
PCMP 384 92222
PCMP 384 92242
PCMP 384 92272
PCMP 384F92302
PCMP 384F92332
PCMP 384F92362
PCMP 384F92392
PCMP 384F92432
PCMP 384F92472
PCMP 384 9A102
PCMP 384 9A112
PCMP 384 9A122
PCMP 384 9A132
PCMP 384 9A152
PCMP 384 9A162
PCMP 384 9A182
PCMP 384 9A202
PCMP 384 9A222
PCMP 384 9A242
PCMP 384 9A272
PCMP 384F9A302
PCMP 384F9A332
PCMP 384F9A362
PCMP 384F9A392
PCMP 384F9A432
PCMP 384F9A472
0.0051
0.0030
0.0033
0.0036
0.0039
0.0056
0.0062
0.0068
6.0 x 12.0 x 18.0
1.4
PCMP 384F92512
PCMP 384 92302
PCMP 384 92332
PCMP 384 92362
PCMP 384 92392
PCMP 384F92562
PCMP 384F92622
PCMP 384F92682
PCMP 384F9A512
PCMP 384 9A302
PCMP 384 9A332
PCMP 384 9A362
PCMP 384 9A392
PCMP 384F9A562
PCMP 384F9A622
PCMP 384F9A682
0.0075
0.0043
0.0047
0.0051
0.0056
0.0082
0.0091
7.0 x 13.5 x 18.0
1.9
PCMP 384F92752
PCMP 384 92432
PCMP 384 92472
PCMP 384 92512
PCMP 384 92562
PCMP 384F92822
PCMP 384F92912
PCMP 384F9A752
PCMP 384 9A432
PCMP 384 9A472
PCMP 384 9A512
PCMP 384 9A562
PCMP 384F9A822
PCMP 384F9A912
0.010
0.0062
0.0068
0.0075
0.0082
8.5 x 15.0 x 18.0
2.6
PCMP 384F92103
PCMP 384 92622
PCMP 384 92682
PCMP 384 92752
PCMP 384 92822
PCMP 384F9A103
PCMP 384 9A622
PCMP 384 9A682
PCMP 384 9A752
PCMP 384 9A822
0.0091
0.010
0.011
0.012
10.0 x 16.5 x 18.0
3.1
PCMP 384 92912
PCMP 384 92103
PCMP 384 92113
PCMP 384 92123
PCMP 384 9A912
PCMP 384 9A103
PCMP 384 9A113
PCMP 384 9A123
0.013
0.015
11.0 x 18.5 x 18.0
4.1
PCMP 384F92133
PCMP 384F92153
PCMP 384F9A133
PCMP 384F9A153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com